Electronic Components Datasheet Search
  English  ▼

X  

LTC1734 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1734
Description  Lithium-Ion Linear Battery Charger in ThinSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1734 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1734 Datasheet HTML 2Page - Linear Technology LTC1734 Datasheet HTML 3Page - Linear Technology LTC1734 Datasheet HTML 4Page - Linear Technology LTC1734 Datasheet HTML 5Page - Linear Technology LTC1734 Datasheet HTML 6Page - Linear Technology LTC1734 Datasheet HTML 7Page - Linear Technology LTC1734 Datasheet HTML 8Page - Linear Technology LTC1734 Datasheet HTML 9Page - Linear Technology LTC1734 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1734
4.2V (2.5V at amplifier A1’s input) the amplifier will divert
current away from the output driver thus limiting charge
current to that which will maintain 4.2V on the battery. This
is the constant voltage mode.
When in the constant voltage mode, the 1000:1 current
ratio is still valid and the voltage on the PROG pin will
indicate the charge current as a proportion of the maxi-
mum current set by the current programming resistor.
The battery charge current is 1000 • (VPROG/RPROG) amps.
This feature allows a microcontroller with an ADC to easily
monitor charge current and if desired, manually shut down
the charger at the appropriate time.
When VCC is applied, the charger can be manually shut
down by floating the otherwise grounded end of RPROG.
An internal 3
µA current source pulls the PROG pin above
the 2.15V threshold of voltage comparator C1 initiating
shutdown.
For charging NiMH or NiCd batteries, the LTC1734 can
function as a constant current source by grounding the
BAT pin. This will prevent amplifier A1 from trying to limit
charging current and only A2 will control the current.
Fault conditions such as overheating of the die or exces-
sive DRIVE pin current are monitored and limited.
When input power is removed or manual shutdown is
entered, the charger will drain only tiny leakage currents
from the battery, thus maximizing battery standby time.
With VCC removed the external PNP’s base is connected to
the battery by the charger. In manual shutdown the base
is connected to VCC by the charger.
OPERATIO
The LTC1734 is a linear battery charger controller. Opera-
tion can best be understood by referring to the Block
Diagram. Charging begins when VCC rises above the
UVLO (Undervoltage Lockout) threshold VUVLOI and an
external current programming resistor is connected be-
tween the PROG pin and ground. When charging, the
collector of the external PNP provides the charge current.
The PNP’s emitter current flows through the ISENSE pin
and through the internal 0.06
Ω current sense resistor.
This current is close in magnitude, but slightly more than
the collector current since it includes the base current.
Amplifier A3, along with the P-channel FET, will force the
same voltage that appears across the 0.06
Ω resistor to
appear across the internal 60
Ω resistor. The scale factor
of 1000:1 in resistor values will cause the FET’s drain
current to be 1/1000 of the charge current and it is this
current that flows through the PROG pin. In the constant
current mode, amplifier A2 is used to limit the charge
current to the maximum that is programmed by RPROG.
The PROG pin current, which is 1/1000 of the charge
current, develops a voltage across the program resistor.
When this voltage reaches 1.5V, amplifier A2 begins
diverting current away from the output driver, thus limit-
ing the charge current. This is the constant current mode.
The constant charge current is 1000 • (1.5V/RPROG).
As the battery accepts charge, its voltage rises. When it
reaches the preset float voltage of 4.2V (LTC1734-4.2
version), a precisely divided down version of this voltage
(2.5V) is compared to the 2.5V internal reference voltage
by amplifier A1. If the battery voltage attempts to exceed
APPLICATIO S I FOR ATIO
Charging Operation
Charging begins when an input voltage is present that
exceeds the undervoltage lockout threshold (VUVLOI), a
Li-Ion battery is connected to the charger output and a
program resistor is connected from the PROG pin to
ground. During the first portion of the charge cycle, when
the battery voltage is below the preset float voltage, the
charger is in the constant current mode. As the battery
voltage rises and reaches the preset float voltage, the
charge current begins to decrease and the constant
voltage portion of the charge cycle begins. The charge
current will continue to decrease exponentially as the
battery approaches a fully charged condition.
Should the battery be removed during charging, a fast
built-in protection circuit will prevent the BAT pin from ris-
ing above 5V, allowing the precision constant voltage
circuit time to respond.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com