Electronic Components Datasheet Search
  English  ▼

X  

LTC1734 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1734
Description  Lithium-Ion Linear Battery Charger in ThinSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1734 Datasheet(HTML) 5 Page - Linear Technology

  LTC1734 Datasheet HTML 1Page - Linear Technology LTC1734 Datasheet HTML 2Page - Linear Technology LTC1734 Datasheet HTML 3Page - Linear Technology LTC1734 Datasheet HTML 4Page - Linear Technology LTC1734 Datasheet HTML 5Page - Linear Technology LTC1734 Datasheet HTML 6Page - Linear Technology LTC1734 Datasheet HTML 7Page - Linear Technology LTC1734 Datasheet HTML 8Page - Linear Technology LTC1734 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1734
BLOCK DIAGRA
–
+
–
+
–
+
2
5
UVLO
VOLTAGE
REFERENCE
2.5V
SHUTDOWN
SHUTDOWN
SHUTDOWN
SHUTDOWN
GND
1734 BD
4
PROG
RPROG
2.5V
10
µF
A1
A2
A3
1.5V
–
+
C1
2.15V
3
µA
BAT
IBAT
SINGLE
Li-Ion
CELL
6
DRIVE
1
ISENSE
VCC
1
µF
VIN
IBAT/1000
TEMPERATURE AND
CURRENT LIMITING
60
Ω
0.06
Ω
3
REF
OUTPUT
DRIVER
IBAT
PIN FUNCTIONS
ISENSE (Pin 1): Sense Node for Charge Current. Current
from VCC passes through the internal current sense resis-
tor and reappears at ISENSE to supply current to the
external PNP emitter. The PNP collector provides charge
current to the battery.
GND (Pin 2): Ground. Provides a reference for the internal
voltage regulator and a return for all internal circuits.
When in the constant voltage mode, the LTC1734 will
precisely regulate the voltage between the BAT and GND
pins. The battery ground should connect close to the GND
pin to avoid voltage drop errors.
VCC (Pin 3): Positive Input Supply Voltage. This pin
supplies power to the internal control circuitry and exter-
nal PNP transistor through the internal current sense
resistor. This pin should be bypassed to ground with a
capacitor in the range of 1
µF to 10µF.
PROG (Pin 4): Charge Current Programming, Charge
Current Monitor and Manual Shutdown Pin. Provides a
virtual reference voltage of 1.5V for an external resistor
(RPROG) tied between this pin and ground that programs
the battery charge current when the charger is in the
constant current mode. The typical charge current will be
1000 times greater than the current through this resistor
(IBAT = 1500/RPROG). This pin also allows for the charge
current to be monitored. The voltage on this pin is propor-
tional to the charge current where 1.5V corresponds to the
full programmed currrent. Floating this pin allows an
internal current source to pull the pin voltage above the
shutdown threshold voltage. Because this pin is in a signal
path, excessive capacitive loading can cause AC instabil-
ity. See the Applications Information section for more
details.
BAT (Pin 5): Battery Voltage Sense Input. A precision
internal resistor divider sets the final float voltage on this
pin. This divider is disconnected in the manual shutdown
or sleep mode. When charging, approximately 34
µA
flows into the BAT pin. To minimize float voltage errors,
avoid excessive resistance between the battery and the
BAT pin. For dynamically stable operation, this pin usually
requires a minimum bypass capacitance to ground of 5
µF
to frequency compensate for the high frequency inductive
effects of the battery and wiring.
DRIVE (Pin 6): Base Drive Output for the External PNP
Pass Transistor. Provides a controlled sink current that
drives the base of the PNP. This pin has current limiting
protection for the LTC1734.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com