Electronic Components Datasheet Search
  English  ▼

X  

LTC1844 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1844
Description  150mA, Micropower, Low Noise, VLDO Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1844 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1844 Datasheet HTML 4Page - Linear Technology LTC1844 Datasheet HTML 5Page - Linear Technology LTC1844 Datasheet HTML 6Page - Linear Technology LTC1844 Datasheet HTML 7Page - Linear Technology LTC1844 Datasheet HTML 8Page - Linear Technology LTC1844 Datasheet HTML 9Page - Linear Technology LTC1844 Datasheet HTML 10Page - Linear Technology LTC1844 Datasheet HTML 11Page - Linear Technology LTC1844 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC1844 Series
1844fa
APPLICATIO S I FOR ATIO
output current change of 1mA to 100mA is – 4mV typical
at VOUT = 1.25V. At VOUT = 5V, load regulation is:
(5V/1.25V)(– 4mV) = –16mV
Because the ADJ pin is relatively high impedance (depend-
ing on the resistor divider used), stray capacitance at this
pin can introduce significant phase shift in the error
amplifier loop. The PCB layout should be designed to
absolutely minimize the capacitance seen at the ADJ pin.
To ensure stability over all operating conditions when
utilizing large divider resistors, a small feedforward ca-
pacitor (
≈1000pF) in parallel with the upper divider resis-
tor (CFF in Figure 2) is recommended. As an added bonus,
this capacitor will improve transient response.
Bypass Capacitance and Low Noise Performance
A bypass capacitor can optionally be connected from the
BYP pin to ground to lower output voltage noise. A good
quality low leakage capacitor is recommended. This ca-
pacitor will bypass the input of the error amplifier, provid-
ing a low frequency noise pole. The noise pole provided by
this bypass capacitor will lower the output voltage noise to
as low as 30
µVRMS with the addition of a 0.1µF capacitor.
Initial regulator power-up time is inversely proportional to
the size of the bypass capacitor, slowing to 10ms with a
0.1
µF bypass capacitor and 10µF output capacitor. How-
ever, the LTC1844 does not discharge the bypass capaci-
tor when put into shutdown and thus the shutdown exit
delay can be much shorter (
≈70µs) than initial power-up
time if the shutdown duration is brief (<10ms). The
maximum shutdown duration required to allow fast shut-
down exit is determined by the capacitor leakage current,
thus a low leakage bypass capacitor is recommended.
Output Capacitance and Transient Response
The LTC1844 regulators are designed to be stable with a
wide range of output capacitors. The ESR of the output
capacitor affects stability, most notably with small capaci-
tors. A minimum output capacitor of 1
µF with an ESR of
0.3
Ω or less is recommended to ensure stability. The
LTC1844 is a micropower device and output transient
response will be a function of output capacitance. Larger
values of output capacitance decrease the peak deviations
and provide improved transient response for larger load
current changes. Note that bypass capacitors used to
decouple individual components powered by the LTC1844
will increase the effective output capacitor value. The
shaded region of Figure 3 defines the region over which
the LTC1844 regulators are stable. The maximum ESR
allowed is 0.3
Ω. High ESR tantalum and electrolytic ca-
pacitors may be used, but a low ESR ceramic capacitor
must be in parallel at the output. There is no minimum ESR
requirement.
Extra consideration must be given to the use of ceramic
capacitors. Ceramic capacitors are manufactured with a
variety of dielectrics, each with different behavior across
Figure 3. Stability
OUTPUT CAPACITANCE (
µF)
0.33
1
3.3
10
33
0.20
0.25
STABLE REGION
0.30
100
1844 F03
0.15
0.10
0
0.05
0.40
0.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com