Electronic Components Datasheet Search
  English  ▼

X  

LTC1844 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1844
Description  150mA, Micropower, Low Noise, VLDO Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1844 Datasheet(HTML) 3 Page - Linear Technology

  LTC1844 Datasheet HTML 1Page - Linear Technology LTC1844 Datasheet HTML 2Page - Linear Technology LTC1844 Datasheet HTML 3Page - Linear Technology LTC1844 Datasheet HTML 4Page - Linear Technology LTC1844 Datasheet HTML 5Page - Linear Technology LTC1844 Datasheet HTML 6Page - Linear Technology LTC1844 Datasheet HTML 7Page - Linear Technology LTC1844 Datasheet HTML 8Page - Linear Technology LTC1844 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1844 Series
1844fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LTC1844-1.5
VIN = 2.0V to 6.5V, IOUT = 0mA to 150mA
–1.50
1.50
%VOUT
LTC1844-1.5
VIN = 2.2V to 6.5V, IOUT = 0mA to 150mA
●
–2.00
2.00
%VOUT
LTC1844-1.5
VIN = 2.0V to 6.5V, IOUT = 0mA to 100mA
●
–2.50
2.00
%VOUT
LTC1844-BYP
VIN = 1.75V to 6.5V, IOUT = 0mA to 150mA
–1.50
1.50
%VOUT
LTC1844-BYP
VIN = 2.2V to 6.5V, IOUT = 0mA to 150mA
●
–1.75
1.75
%VOUT
LTC1844-BYP
VIN = 1.75V to 6.5V, IOUT = 0mA to 100mA
●
–3.50
1.75
%VOUT
LTC1844-SD
VIN = 1.75V to 6.5V, IOUT = 0mA to 150mA
–1.50
1.50
%VOUT
LTC1844-SD
VIN = 2.2V to 6.5V, IOUT = 0mA to 150mA
●
–1.75
1.75
%VOUT
LTC1844-SD
VIN = 1.75V to 6.5V, IOUT = 0mA to 100mA
●
–3.50
1.75
%VOUT
VADJ
ADJ Pin Voltage (Notes 3, 5)
LTC1844-BYP
VIN = 1.75V to 6.5V, IOUT = 0mA to 150mA
1.233
1.25
1.271
V
LTC1844-BYP
VIN = 2.2V to 6.5V, IOUT = 0mA to 150mA
●
1.230
1.274
V
LTC1844-BYP
VIN = 1.75V to 6.5V, IOUT = 0mA to 100mA
●
1.208
1.274
V
LTC1844-SD
VIN = 1.75V to 6.5V, IOUT = 0mA to 150mA
1.233
1.25
1.271
V
LTC1844-SD
VIN = 2.2V to 6.5V, IOUT = 0mA to 150mA
●
1.230
1.274
V
LTC1844-SD
VIN = 1.75V to 6.5V, IOUT = 0mA to 100mA
●
1.208
1.274
V
∆VLNR
Line Regulation (Notes 3, 5)
LTC1844-3.3
VIN = 3.4V to 6.5V, IL = 1mA
●
420
mV
LTC1844-2.8
VIN = 2.9V to 6.5V, IL = 1mA
●
420
mV
LTC1844-2.5
VIN = 2.6V to 6.5V, IL = 1mA
●
420
mV
LTC1844-1.8
VIN = 2.2V to 6.5V, IL = 1mA
●
420
mV
VIN = 1.9V to 6.5V, IL = 1mA
4
20
mV
VIN = 1.9V to 6.5V, IL = 1mA
●
430
mV
LTC1844-1.5
VIN = 2.2V to 6.5V, IL = 1mA
●
420
mV
VIN = 1.6V to 6.5V, IL = 1mA
4
20
mV
VIN = 1.6V to 6.5V, IL = 1mA
●
480
mV
LTC1844-BYP
VIN = 2.2V to 6.5V, IL = 1mA
●
420
mV
VIN = 1.6V to 6.5V, IL = 1mA
4
20
mV
VIN = 1.6V to 6.5V, IL = 1mA
●
480
mV
LTC1844-SD
VIN = 2.2V to 6.5V, IL = 1mA
●
420
mV
VIN = 1.6V to 6.5V, IL = 1mA
4
20
mV
VIN = 1.6V to 6.5V, IL = 1mA
●
480
mV
∆VLDR
Load Regulation (Notes 3, 5)
LTC1844-3.3
VIN = 3.8V, IOUT = 0mA to 150mA
●
920
mV
LTC1844-2.8
VIN = 3.3V, IOUT = 0mA to 150mA
●
920
mV
LTC1844-2.5
VIN = 3.0V, IOUT = 0mA to 150mA
●
920
mV
LTC1844-1.8
VIN = 2.3V, IOUT = 0mA to 150mA
●
920
mV
LTC1844-1.5
VIN = 2.2V, IOUT = 0mA to 150mA
●
920
mV
VIN = 2.0V, IOUT = 0mA to 100mA
●
940
mV
LTC1844-BYP
VIN = 2.2V, IOUT = 0mA to 150mA
●
920
mV
VIN = 1.75V, IOUT = 0mA to 100mA
●
950
mV
LTC1844-SD
VIN = 2.2V, IOUT = 0mA to 150mA
●
920
mV
VIN = 1.75V, IOUT = 0mA to 100mA
●
950
mV
∆VDO
Dropout Voltage (Notes 6, 7)
LTC1844-3.3
IOUT = 50mA
●
30
55
mV
IOUT = 150mA
●
90
150
mV
LTC1844-2.8
IOUT = 50mA
●
35
60
mV
IOUT = 150mA
●
105
165
mV
LTC1844-2.5
IOUT = 50mA
●
45
75
mV
IOUT = 150mA
●
135
200
mV
LTC1844-1.8
IOUT = 50mA
●
85
120
mV
IOUT = 150mA
●
230
300
mV
ELECTRICAL CHARACTERISTICS The ● denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = VOUT + 0.5V, unless otherwise noted. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com