Electronic Components Datasheet Search
  English  ▼

X  

LTC1844 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1844
Description  150mA, Micropower, Low Noise, VLDO Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1844 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1844 Datasheet HTML 4Page - Linear Technology LTC1844 Datasheet HTML 5Page - Linear Technology LTC1844 Datasheet HTML 6Page - Linear Technology LTC1844 Datasheet HTML 7Page - Linear Technology LTC1844 Datasheet HTML 8Page - Linear Technology LTC1844 Datasheet HTML 9Page - Linear Technology LTC1844 Datasheet HTML 10Page - Linear Technology LTC1844 Datasheet HTML 11Page - Linear Technology LTC1844 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1844 Series
1844fa
APPLICATIONS INFORMATION
temperature and applied voltage. The most common di-
electrics used are Z5U, Y5V, X5R and X7R. The Z5U and
Y5V dielectrics are good for providing high capacitances
in a small package, but exhibit strong voltage and tem-
perature coefficients as shown in Figures 4 and 5. When
used with a 5V regulator, a 10
µF Y5V capacitor can exhibit
an effective value as low as 1
µF to 2µF over the operating
temperature range. The X5R and X7R dielectrics result in
more stable characteristics and are more suitable for use
as the output capacitor. The X7R type has better stability
across temperature, while the X5R is less expensive and
is available in higher values.
Additionally, some ceramic capacitors have a piezoelectric
response. A piezoelectric device generates voltage across
its terminals due to mechanical stress, similar to the way
a piezoelectric accelerometer or microphone works. For a
ceramic capacitor the stress can be induced by vibrations
in the system or thermal transients. The resulting voltages
produced can cause appreciable amounts of noise, espe-
cially when a ceramic capacitor is used for noise bypass-
ing. A ceramic capacitor produced Figure 6’s trace in
response to light tapping from a pencil. Similar vibration-
induced behavior can masquerade as increased output
voltage noise.
Figure 4. Ceramic Capacitor DC Bias Characteristics
Figure 5. Ceramic Capacitor Temperature Characteristics
VOUT
500
µV/DIV
100ms/DIV
1844 F06
Figure 6. Noise Resulting from Tapping on a Ceramic Capacitor
LTC1844-2.8
COUT = 10µF
CBYP = 0.01µF
ILOAD = 100mA
DC BIAS VOLTAGE (V)
1844 F04
20
0
–20
–40
–60
–80
–100
0
4
8
10
26
12
14
X5R
Y5V
16
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10
µF
TEMPERATURE (
°C)
–50
40
20
0
–20
–40
–60
–80
–100
25
75
1844 F05
–25
0
50
100
125
Y5V
X5R
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10
µF
Dropout Recovery and Output Overshoot
If the input supply voltage drops too low for the LTC1844
to maintain regulation, the internal feedback loop goes
into dropout and the internal pass transistor turns fully on.
If the input supply then suddenly rises, the output may
briefly overshoot the intended output voltage while the
LTC1844 transitions back from dropout to normal opera-
tion. This behavior occurs when the input supply slew rate
is greater than 1V/ms and the output bypass capacitor is
small. If the input is expected to slew rapidly, an output
bypass capacitor of 10
µF or greater should be used to
minimize output overshoot. Note that overshoot typically
does not occur at start-up since the feedback loop does
not spend a significant amount of time in dropout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com