Electronic Components Datasheet Search
  English  ▼

X  

LTC1844 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1844
Description  150mA, Micropower, Low Noise, VLDO Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1844 Datasheet(HTML) 5 Page - Linear Technology

  LTC1844 Datasheet HTML 1Page - Linear Technology LTC1844 Datasheet HTML 2Page - Linear Technology LTC1844 Datasheet HTML 3Page - Linear Technology LTC1844 Datasheet HTML 4Page - Linear Technology LTC1844 Datasheet HTML 5Page - Linear Technology LTC1844 Datasheet HTML 6Page - Linear Technology LTC1844 Datasheet HTML 7Page - Linear Technology LTC1844 Datasheet HTML 8Page - Linear Technology LTC1844 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1844 Series
1844fa
TYPICAL PERFOR A CE CHARACTERISTICS
VOUT vs Temperature
TEMPERATURE (
°C)
–50
1.515
25
1844 G01
1.500
1.490
–25
0
50
1.485
1.480
1.520
1.510
1.505
1.495
75
100
125
VOUT = 1.5V
TEMPERATURE (
°C)
–50
1.815
25
1844 G02
1.800
1.790
–25
0
50
1.785
1.780
1.820
1.810
1.805
1.795
75
100
125
VOUT = 1.8V
TEMPERATURE (
°C)
–50
2.515
25
1844 G03
2.500
2.490
–25
0
50
2.485
2.480
2.520
2.510
2.505
2.495
75
100
125
VOUT = 2.5V
VOUT vs Temperature
VOUT vs Temperature
VOUT vs Temperature
VOUT vs Temperature
VOUT vs Temperature
TEMPERATURE (
°C)
–50
2.815
25
1844 G04
2.800
2.790
–25
0
50
2.785
2.780
2.820
2.810
2.805
2.795
75
100
125
VOUT = 2.8V
TEMPERATURE (
°C)
–50
3.315
25
1844 G05
3.300
3.290
–25
0
50
3.285
3.280
3.320
3.310
3.305
3.295
75
100
125
VOUT = 3.3V
TEMPERATURE (
°C)
–50
1.265
25
1844 G05
1.250
1.240
–25
0
50
1.235
1.230
1.270
1.260
1.255
1.245
75
100
125
VOUT = ADJ
Quiescent Current vs Temperature
Current Limit vs Temperature
SHDN Threshold vs Temperature
TEMPERATURE (
°C)
–50
40
50
70
25
75
1844 G07
30
20
–25
0
50
100
125
10
0
60
TEMPERATURE (
°C)
–50
400
450
500
25
75
1844 G08
350
300
–25
0
50
100
125
250
200
VOUT = 2.8V
TEMPERATURE (
°C)
–50
750
25
1844 G09
600
500
–25
0
50
450
400
800
700
650
550
75
100
125
ILOAD = 1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com