| Electronic Components Datasheet Search |
|
UPD70320 Datasheet(PDF) 47 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD70320 Datasheet(HTML) 47 Page - NEC |
|
47 / 74 page ![]() 47 µPD70320 3. ELECTRICAL SPECIFICATIONS ABSOLUTE MAXIMUM RATINGS (TA = 25 °C) Parameter Symbol Test Conditions Rating Unit Supply Voltage VDD – 0.5 to +7.0 V Input Voltage VTH – 0.5 to VDD + 0.5 V VI – 0.5 to VDD + 0.5 V Output Voltage VO – 0.5 to VDD + 0.5 V Output Current Low IOL Each output pin 4.0 mA Total 50 mA Output Current High IOH Each output pin –2.0 mA Total –20 mA Operating Ambient Temperature TA –40 to +85 °C Storage Temperature Tstg – 65 to +150 °C Cautions 1. Do not make direct connections of the output (or input/output) pins of the IC product with each other, and also avoid direct connections to VDD, VCC or GND. However, the open drain pins or the open collector pins can be directly connected with each other. For the external circuit designed with the timing specifications so that any collision of the outputs from the pins subject to high-impedance state may be prevented, direct connection can be also made. 2. Product quality may suffer if the absolute maximum ratings are exceeded for even a single parameter, or even momentarily. In other words, the absolute maximum ratings are rated values at which the product is on the verge of suffering physical damage, and therefore the product must be used under conditions which ensure that the absolute maximum ratings are not exceeded. The normal operation and reliability of the product can be only assured with the specifications and the conditions indicated as the DC and AC characteristics. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |