Electronic Components Datasheet Search
  English  ▼

X  

UPD70320 Datasheet(PDF) 49 Page - NEC

Part # UPD70320
Description  V25TM 16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70320 Datasheet(HTML) 49 Page - NEC

Back Button UPD70320 Datasheet HTML 45Page - NEC UPD70320 Datasheet HTML 46Page - NEC UPD70320 Datasheet HTML 47Page - NEC UPD70320 Datasheet HTML 48Page - NEC UPD70320 Datasheet HTML 49Page - NEC UPD70320 Datasheet HTML 50Page - NEC UPD70320 Datasheet HTML 51Page - NEC UPD70320 Datasheet HTML 52Page - NEC UPD70320 Datasheet HTML 53Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 74 page
background image
49
µPD70320
Manufacturer
Part Number
Recommended Constants
C1 [pF]
C2 [pF]
Kyocera Corp.
KBR-10.0MNote 1
33
33
Murata Mfg. Co., Ltd.
CSA7.37MT040Note 2
100
100
CSA10.0MTNote 1
47
47
CSA11.0MTNote 2
CSA16.0MX040Note 1
30
30
TDK
FCR10.0M2SNote 2
30
30
FCR16.0M2SNote 2
15
6
FCR16.0M2GNote 2
22
10
RECOMMENDED OSCILLATOR CONSTANT
Ceramic resonator
Notes 1. The operating ambient temperature (TA) is –10
°C to +70°C when this resonator is used.
2. The operating ambient temperature (TA) is –20
°C to +80°C when this resonator is used.
Crystal resonator
Remark
For more details on the characteristics of the resonators, please contact the manufacturer.
Manufacturer
Part Number
Recommended Constants
C1 [pF]
C2 [pF]
Kinseki Co., Ltd.
HC-49/U(KR-100)
22
22
HC-49/U(KR-160)
22
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com