Electronic Components Datasheet Search
  English  ▼

X  

UPD70320 Datasheet(PDF) 71 Page - NEC

Part # UPD70320
Description  V25TM 16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70320 Datasheet(HTML) 71 Page - NEC

Back Button UPD70320 Datasheet HTML 66Page - NEC UPD70320 Datasheet HTML 67Page - NEC UPD70320 Datasheet HTML 68Page - NEC UPD70320 Datasheet HTML 69Page - NEC UPD70320 Datasheet HTML 70Page - NEC UPD70320 Datasheet HTML 71Page - NEC UPD70320 Datasheet HTML 72Page - NEC UPD70320 Datasheet HTML 73Page - NEC UPD70320 Datasheet HTML 74Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 71 / 74 page
background image
71
µPD70320
6.
RECOMMENDED SOLDERING CONDITIONS
The following conditions must be met when soldering this product.
For more details, refer to our document “SEMICONDUCTOR DEVICE MOUNTING TECHNOLOGY MANUAL”
(C10535E).
Please consult with our sales office when using other soldering process or under different soldering conditions.
Table 6-1. Surface Mount Type Soldering Conditions
(1)
µPD70320L : 84-pin plastic QFJ (1150 × 1150 mils)
µPD70320L-8 : 84-pin plastic QFJ (1150 × 1150 mils)
Soldering Process
Soldering Conditions
Symbol
VPS
Package peak temperature: 215
°C, Reflow time: 40 seconds or less,
VP15-162-1
Number of reflow processes: 1
Exposure limit: 2 daysNote (16 hours pre-baking is required at 125
°C afterwards)
Partial heating
Pin temperature: 300
°C or below,
—
method
Flow time: 3 seconds or less (per side of device)
Note Exposure limit before soldering after dry-pack package is opened. Storage conditions: 25
°C and relative
humidity at 65% or less.
(2)
µPD70320GJ-5BG
: 94-pin plastic QFP (20
× 20 mm)
µPD70320GJ-8-5BG : 94-pin plastic QFP (20 × 20 mm)
Soldering Process
Soldering Conditions
Symbol
Infrared ray reflow
Package peak temperature: 235
°C, Reflow time: 30 seconds or less,
IR35-367-3
Number of reflow processes: 3 or less
Exposure limit: 7 daysNote (36 hours pre-baking is required at 125
°C afterwards)
VPS
Package peak temperature: 215
°C, Reflow time: 40 seconds or less,
VP15-367-3
Number of reflow processes: 3 or less
Exposure limit: 7 daysNote (36 hours pre-baking is required at 125
°C afterwards)
Wave soldering
Package peak temperature: 260
°C, Reflow time: 10 seconds or less,
WS60-367-1
Number of reflow processes: 1
Pre-heating temperature: 120
°C max. (package surface temperature)
Exposure limit: 7 daysNote (36 hours pre-baking is required at 125
°C afterwards)
Partial heating
Pin temperature: 300
°C or below,
—
method
Flow time: 3 seconds or less (per side of device)
Note Exposure limit before soldering after dry-pack package is opened. Storage conditions: 25
°C and relative
humidity at 65% or less.
Caution
Use of more than one soldering process should be avoided (except for partial heating method).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com