Electronic Components Datasheet Search
  English  ▼

X  

UPD70320 Datasheet(PDF) 8 Page - NEC

Part # UPD70320
Description  V25TM 16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70320 Datasheet(HTML) 8 Page - NEC

Back Button UPD70320 Datasheet HTML 4Page - NEC UPD70320 Datasheet HTML 5Page - NEC UPD70320 Datasheet HTML 6Page - NEC UPD70320 Datasheet HTML 7Page - NEC UPD70320 Datasheet HTML 8Page - NEC UPD70320 Datasheet HTML 9Page - NEC UPD70320 Datasheet HTML 10Page - NEC UPD70320 Datasheet HTML 11Page - NEC UPD70320 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 74 page
background image
8
µPD70320
1.2
Non-port Pins
Pin Name
Input/Output
Function
TxD0
Output
Serial data output
TxD1
RxD0
Input
Serial data input
RxD1
CTS0
Input & output
CTS input in asynchronous mode, receive clock input/output in I/O interface mode
CTS1
Input
CTS input
REFRQ
Output
DRAM refresh pulse output
VTH
Input
Comparator reference voltage input
RESET
Reset signal input
EA
External memory access (connect to GND via a resistor (3 to 10 k
Ω))
X1
Input
Used to connect crystal resonator/ceramic resonator for oscillating system clock.
X2
External clock is entered by entering reverse phase clock to both X1 and X2 pins.
D0 to D7
Input & output
8-bit data bus
A0 to A19
Output
20-bit address output
MREQ
Output used to indicate that memory bus cycle has been started
MSTB
Memory read/memory write strobe output
R/ W
Read cycle/write cycle ID signal output
IOSTB
I/O read /I/O write strobe output
VDD
Positive power supply pins (all pins should be connected)
GND
GND pins (all pins should be connected)
IC
Internally connected (connect individually to VDD via a resistor (3 to 10 k
Ω))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com