Electronic Components Datasheet Search
  English  ▼

X  

LTC2932 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2932
Description  Confi gurable Six Supply Monitor with Adjustable Reset Timer and Supply Tolerance
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2932 Datasheet(HTML) 1 Page - Linear Technology

  LTC2932 Datasheet HTML 1Page - Linear Technology LTC2932 Datasheet HTML 2Page - Linear Technology LTC2932 Datasheet HTML 3Page - Linear Technology LTC2932 Datasheet HTML 4Page - Linear Technology LTC2932 Datasheet HTML 5Page - Linear Technology LTC2932 Datasheet HTML 6Page - Linear Technology LTC2932 Datasheet HTML 7Page - Linear Technology LTC2932 Datasheet HTML 8Page - Linear Technology LTC2932 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC2932
1
2932fb
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Configurable Six Supply
Monitor with Adjustable Reset
Timer and Supply Tolerance
The LTC®2932 is a configurable supply monitor for sys-
tems with up to six supply voltages. One of 16 preset or
adjustable voltage monitor combinations can be selected
using an external resistive divider connected to the mode
select pin. The preset voltage thresholds are digitally
configurable to 5%, 7.5%, 10%, or 12.5% below the
nominal operating voltage. The LTC2932 also features
adjustable inputs with a 0.5V nominal threshold. All six
open-drain voltage comparator outputs are connected to
separate pins for individual supply monitoring.
The reset timeout period is adjustable using an external
capacitor. The RST output is guaranteed to be in the
correct state for VCC down to 1V and may be disabled
during supply margin testing. Each status output has a
weak internal pull-up and may be externally pulled up to
an external voltage.
The 52μA supply current makes the LTC2932 ideal for
power conscious systems and the part may be configured
to monitor less than six inputs.
Six Supply Monitor 12V (ADJ),
5V, 3.3V, 2.5V, 1.8V, 1.2V (ADJ)
■
Simultaneously Monitors Six Supplies
■
16 User Selectable Combinations of
5V, 3.3V, 3V, 2.5V, 1.8V, 1.5V and
± Adjustable Voltage Thresholds
■
Guaranteed Threshold Accuracy: ±1.5%
■
Selectable Supply Tolerances: 5%, 7.5%, 10%,
12.5% Below Monitored Voltage
■
Reset Disable Pin for Margining Applications
■
Low Supply Current: 52μA
■
Power Supply Glitch Immunity
■
Guaranteed RST for VCC ≥ 1V
■
High Temperature Operation to 125°C
■
20-Lead TSSOP Package
■
Desktop and Notebook Computers
■
Multivoltage Systems
■
Telecom Equipment
■
Portable Battery-Powered Equipment
■
Network Servers
■
Automotive
LTC2932
1.2V
1.8V
2.5V
3.3V
5V
12V
2932 TA01
tRST = 94ms
CRT
47nF
RST
RDIS
VPG
GND
T0
T1
CRT
V1
V2
V3
V4
V5
V6
VREF
SYSTEM
LOGIC
POWER
GOOD
R1
59k
1%
100k
1%
100k
1%
124k
1%
2150k
1%
R2
40.2k
1%
0.1μF
0.1μF
10k
Voltage Threshold Configuration Table
V1 (V)
V2 (V)
V3 (V)
V4 (V)
V5 (V)
V6 (V)
5
3.3
2.5
1.8
ADJ
ADJ
5
3.3
2.5
1.5
ADJ
ADJ
5
3.3
2.5
ADJ
ADJ
ADJ
5
3.3
1.8
ADJ
ADJ
ADJ
5
3.3
1.8
–ADJ
ADJ
ADJ
5
3.3
ADJ
ADJ
ADJ
ADJ
5
3.3
ADJ
–ADJ
ADJ
ADJ
5
3
2.5
ADJ
ADJ
ADJ
5
3
1.8
ADJ
ADJ
ADJ
5
3
ADJ
ADJ
ADJ
ADJ
3.3
2.5
1.8
1.5
ADJ
ADJ
3.3
2.5
1.8
ADJ
ADJ
ADJ
3.3
2.5
1.8
–ADJ
ADJ
ADJ
3.3
2.5
1.5
ADJ
ADJ
ADJ
3.3
2.5
ADJ
ADJ
ADJ
ADJ
3.3
2.5
ADJ
–ADJ
ADJ
ADJ
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents including 6967591, 7119714, 7239251.


Similar Part No. - LTC2932

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2932 LINER-LTC2932 Datasheet
249Kb / 16P
Confi gurable Six Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2932CF-TRPBF LINER-LTC2932CF-TRPBF Datasheet
249Kb / 16P
Confi gurable Six Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2932F-PBF LINER-LTC2932F-PBF Datasheet
249Kb / 16P
Confi gurable Six Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2932HF-TRPBF LINER-LTC2932HF-TRPBF Datasheet
249Kb / 16P
Confi gurable Six Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2932IF-TRPBF LINER-LTC2932IF-TRPBF Datasheet
249Kb / 16P
Confi gurable Six Supply Monitor with Adjustable Reset Timer and Supply Tolerance
More results

Similar Description - LTC2932

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC2902 LINEAR-LTC2902 Datasheet
176Kb / 16P
Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
logo
Linear Technology
LTC2902 LINER-LTC2902 Datasheet
179Kb / 16P
Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2930 LINER-LTC2930 Datasheet
179Kb / 12P
Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
LTC2931 LINER-LTC2931 Datasheet
279Kb / 16P
Confi gurable Six Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2932 LINER-LTC2932 Datasheet
249Kb / 16P
Confi gurable Six Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2938 LINER-LTC2938 Datasheet
261Kb / 20P
Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
LTC2902 LINER-LTC2902_15 Datasheet
184Kb / 16P
Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2930 LINER-LTC2930_15 Datasheet
169Kb / 12P
Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
LTC2931 LINER-LTC2931_15 Datasheet
269Kb / 16P
Confi gurable Six Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2938 LINER-LTC2938_15 Datasheet
259Kb / 20P
Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com