Electronic Components Datasheet Search
  English  ▼

X  

LTC2932 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2932
Description  Confi gurable Six Supply Monitor with Adjustable Reset Timer and Supply Tolerance
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2932 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2932 Datasheet HTML 2Page - Linear Technology LTC2932 Datasheet HTML 3Page - Linear Technology LTC2932 Datasheet HTML 4Page - Linear Technology LTC2932 Datasheet HTML 5Page - Linear Technology LTC2932 Datasheet HTML 6Page - Linear Technology LTC2932 Datasheet HTML 7Page - Linear Technology LTC2932 Datasheet HTML 8Page - Linear Technology LTC2932 Datasheet HTML 9Page - Linear Technology LTC2932 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC2932
6
2932fb
V1 OR V2 (V)
0
9
12
15
4
2932 G11
6
3
0
1
2
3
5
TA = 25°C
VOL = 0.4V
VOL = 0.2V
ISINK (mA)
0
300
400
500
8
2932 G12
200
100
0
2
4
6
10
V1 = 5V
V2 = 3V
125°C
85°C
25°C
–40°C
CRT (F)
2932 G10
10
1
100m
10m
1m
100μ
10μ
10p
100p
1n
100n
1μ
10n
TA = 25°C
TYPICAL PERFORMANCE CHARACTERISTICS
Voltage Output Low vs Output
Sink Current (RST, COMPn)
COMPn Pull-Up Current vs V2
RST Pull-Up Current vs V2
COMPn Propagation Delay vs
Input Overdrive Above Threshold
ISINK vs Supply Voltage
(RST, COMPn)
V2 (V)
1
0
3
6
9
12
15
18
23
4
5
2932 G13
TA = 25°C
COMPn = GND
INPUT OVERDRIVE ABOVE THRESHOLD (mV)
250
200
150
2932 G14
0
100
50
1000
10
100
TA = 25°C
V1, V2
V3, V4, V5, V6
V2 (V)
2.0
0
3
6
9
12
18
2.5
3.0
3.5
4.0
2932 G15
4.5
5.0
15
TA = 25°C
VRT25
VRT30
VRT33
Reset Timeout Period vs CRT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com