| Electronic Components Datasheet Search |
|
LTC2932 Datasheet(PDF) 3 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC2932 Datasheet(HTML) 3 Page - Linear Technology |
|
3 / 16 page ![]() LTC2932 3 2932fb SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS VRT25 2.5V, 5% Reset Threshold 2.5V, 7.5% Reset Threshold 2.5V, 10% Reset Threshold 2.5V, 12.5% Reset Threshold V2, V3 Input Threshold ● ● ● ● 2.300 2.238 2.175 2.113 2.338 2.275 2.213 2.150 2.375 2.313 2.250 2.188 V V V V VRT18 1.8V, 5% Reset Threshold 1.8V, 7.5% Reset Threshold 1.8V, 10% Reset Threshold 1.8V, 12.5% Reset Threshold V3, V4 Input Threshold ● ● ● ● 1.656 1.611 1.566 1.521 1.683 1.638 1.593 1.548 1.710 1.665 1.620 1.575 V V V V VRT15 1.5V, 5% Reset Threshold 1.5V, 7.5% Reset Threshold 1.5V, 10% Reset Threshold 1.5V, 12.5% Reset Threshold V3, V4 Input Threshold ● ● ● ● 1.380 1.343 1.305 1.268 1.403 1.365 1.328 1.290 1.425 1.388 1.350 1.313 V V V V VRTA ADJ, 5% Reset Threshold ADJ, 7.5% Reset Threshold ADJ, 10% Reset Threshold ADJ, 12.5% Reset Threshold V3, V4, V5, V6 Input Threshold ● ● ● ● 492.5 479.4 466.3 453.1 500.0 486.6 473.3 459.9 507.5 494 480.4 466.8 mV mV mV mV VRTAN –ADJ Reset Threshold V4 Input Threshold ● –18 0 18 mV VREF Reference Voltage VCC ≥ 2.3V, IVREF = ±1mA, CREF ≤ 1000pF T0 Low, T1 Low T0 Low, T1 High T0 High, T1 Low T0 High, T1 High ● ● ● ● 1.192 1.160 1.128 1.096 1.210 1.178 1.146 1.113 1.228 1.195 1.163 1.130 V V V V VPG Mode Selection Voltage Range VCC ≥ VCCMINP ● 0VREF V IVPG VPG Input Current VPG = VREF ● ±20 nA IV1 V1 Input Current V1 = 5V, IVREF = 12μA (Note 4) ● 52 75 μA IV2 V2 Input Current V2 = 3.3V ● 0.8 2 μA IV3 V3 Input Current V3 = 2.5V V3 = 0.55V (ADJ Mode) ● ● 0.52 1.2 ±15 μA nA IV4 V4 Input Current V4 = 1.8V V4 = 0.55V (ADJ Mode) V4 = –0.02V (–ADJ Mode) ● ● ● 0.34 0.8 ±15 ±15 μA nA nA IV5, IV6 V5, V6 Input Current V5, V6 = 0.55V ● ±15 nA ICRT(UP) CRT Pull-Up Current VCRT = GND ● –1.4 –2 –2.6 μA ICRT(DN) CRT Pull-Down Current VCRT = 1.3V ● 10 20 30 μA ICOMPn COMPn Pull-Up Current VCOMPn = GND ● –2 –6 –12 μA tRST Reset Timeout Period CRT = 1500pF ● 234 ms tUV Vn Undervoltage Detect to RST or COMPn Vn Less Than Reset Threshold by More than 1% 150 μs VOL Voltage Output Low RST, COMPn ISINK = 3mA, VCC = 3V ISINK = 100μA, VCC = 1V ● ● 0.15 0.05 0.4 0.3 V V VOH Voltage Output High RST, COMPn (Note 5) ISOURCE = –1μA ● V2-1 V ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, unless otherwise specified. (Note 3) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |