Electronic Components Datasheet Search
  English  ▼

X  

LTC2932 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2932
Description  Confi gurable Six Supply Monitor with Adjustable Reset Timer and Supply Tolerance
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2932 Datasheet(HTML) 4 Page - Linear Technology

  LTC2932 Datasheet HTML 1Page - Linear Technology LTC2932 Datasheet HTML 2Page - Linear Technology LTC2932 Datasheet HTML 3Page - Linear Technology LTC2932 Datasheet HTML 4Page - Linear Technology LTC2932 Datasheet HTML 5Page - Linear Technology LTC2932 Datasheet HTML 6Page - Linear Technology LTC2932 Datasheet HTML 7Page - Linear Technology LTC2932 Datasheet HTML 8Page - Linear Technology LTC2932 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC2932
4
2932fb
tRST
2932 TD
VRT
Vn
RST
COMPn
tUV
Vn Monitor Timing
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device reliability
and lifetime.
Note 2: All currents into pins are positive, all voltages are referenced to GND
unless otherwise noted.
Note 3: The greater of V1, V2 is the internal supply voltage (VCC).
Note 4: Under static no-fault conditions, V1 will necessarily supply quiescent
current. If at any time V2 is larger than V1, V2 must be capable of supplying
the quiescent current, programming (transient) current and reference load
current.
Note 5: The output pins RST and COMPn have diode protected internal pull-ups
to V2 of typically 6μA. However, external pull-up resistors may be used when
faster rise times are required or for VOH voltages greater than V2.
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, unless otherwise specified. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Digital Inputs T0, T1, RDIS
VIL
T0, T1 Low Level Input Voltage
VCC = 3.3V to 5.5V
●
0.3VCC
V
VIH
T0, T1 High Level Input Voltage
VCC = 3.3V to 5.5V
●
0.7VCC
V
IINTOL
T0, T1 Input Current
T0, T1 = 2V
●
±0.1
±1
μA
VIL
RDIS Input Threshold Low
VCC = 3.3V to 5.5V
●
0.4
V
VIH
RDIS Input Threshold High
VCC = 3.3V to 5.5V
●
1.6
V
IRDIS
RDIS Pull-Up Current
VRDIS = 1V
●
–4
–10
–16
μA
TIMING DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com