Electronic Components Datasheet Search
  English  ▼

X  

AN4031 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4031
Description  Using the STM32F2 and STM32F4 DMA controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4031 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4031 Datasheet HTML 12Page - STMicroelectronics AN4031 Datasheet HTML 13Page - STMicroelectronics AN4031 Datasheet HTML 14Page - STMicroelectronics AN4031 Datasheet HTML 15Page - STMicroelectronics AN4031 Datasheet HTML 16Page - STMicroelectronics AN4031 Datasheet HTML 17Page - STMicroelectronics AN4031 Datasheet HTML 18Page - STMicroelectronics AN4031 Datasheet HTML 19Page - STMicroelectronics AN4031 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
DMA controller description
AN4031
16/36
DocID022648 Rev 1
the status register (DMA_LISR and DMA_HISR) from the previous data block DMA
transfer should be cleared before the stream can be re-enabled.
2.
Set the peripheral port register address in the DMA_SxPAR register. The data will be
moved from/to this address to/from the peripheral port after the peripheral event.
3.
Set the memory address in the DMA_SxMA0R register (and in the DMA_SxMA1R
register in the case of a Double-buffer mode). The data will be written to or read from
this memory after the peripheral event.
4.
Configure the total number of data items to be transferred in the DMA_SxNDTR
register. After each peripheral event or each beat of the burst, this value is
decremented.
5.
Select the DMA channel (request) using CHSEL[2:0] in the DMA_SxCR register.
6.
If the peripheral is intended to be the flow controller and if it supports this feature, set
the PFCTRL bit in the DMA_SxCR register.
7.
Configure the stream priority using the PL[1:0] bits in the DMA_SxCR register.
8.
Configure the FIFO usage (enable or disable, threshold in transmission and reception).
9.
Configure the data transfer direction, peripheral and memory incremented/fixed mode,
single or burst transactions, peripheral and memory data widths, Circular mode,
Double-buffer mode and interrupts after half and/or full transfer, and/or errors in the
DMA_SxCR register.
10. Activate the stream by setting the EN bit in the DMA_SxCR register.
As soon as the stream is enabled, it can serve any DMA request from the peripheral
connected to the stream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com