Electronic Components Datasheet Search
  English  ▼

X  

RM0312 Datasheet(PDF) 117 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 117 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 113Page - STMicroelectronics RM0312 Datasheet HTML 114Page - STMicroelectronics RM0312 Datasheet HTML 115Page - STMicroelectronics RM0312 Datasheet HTML 116Page - STMicroelectronics RM0312 Datasheet HTML 117Page - STMicroelectronics RM0312 Datasheet HTML 118Page - STMicroelectronics RM0312 Datasheet HTML 119Page - STMicroelectronics RM0312 Datasheet HTML 120Page - STMicroelectronics RM0312 Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 275 page
background image
DocID022352 Rev 3
117/275
RM0312
16-bit general purpose timer (TIM2/TIM3)
170
When a rising edge occurs on TI2, the counter counts once and the trigger flag is set (TIF bit
in the TIMx_SR1 register) and an interrupt request can be sent if enabled (depending on the
TIE in TIMx_IER register).
The delay between the rising edge on TI2 and the actual reset of the counter is due to the
resynchronization circuit on TI2 input.
Figure 33. Control circuit in external clock mode 1
17.4.4
External clock source mode 2
The counter can count at each rising or falling edge on the external trigger input ETR. This
mode is selected by writing ECE=1 in the TIMx_ETR register.
The Figure 34 gives an overview of the external trigger input block.
Figure 34. External trigger input block
For example, to configure the up-counter to count each 2 rising edges on ETR, use the
following procedure:
1.
As no filter is needed in this example, write ETF[3:0]=0b0000 in the TIMx_ETR register.
2.
Set the prescaler by writing ETPS[1:0]=0b01 in the TIMx_ETR register
3.
Select rising edge detection on the TRIG pin by writing ETP=0 in the TIMx_ETR
register
4.
Enable external clock mode 2 by writing ECE=1 in the TIMx_ETR register.
5.
Enable the counter by writing CEN=1 in the TIMx_CR1 register.
COUNTER CLOCK = CK_CNT = CK_PSC
COUNTER REGISTER
35
36
34
TI2
CNT_EN
TIF
Write TIF=0
ETR
0
1
TIMx_ETR
ETP
divider
/1, /2, /4, /8
ETPS[1:0]
ETRP
filter
ETF[3:0]
down-counter
fMASTER
TIMx_ETR
TIMx_ETR
TRIG pin
fMASTER
encoder
mode
external clock
mode 1
external clock
mode 2
internal clock
mode
ETRF
TRGI
TI1F
TI2F
or
or
or
(internal clock)
CK_PSC
TIMx_ETR
ECE
TIMx_SMCR
SMS[2:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com