Electronic Components Datasheet Search
  English  ▼

X  

UM0629 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM0629
Description  STM8L101-EVAL evaluation board
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0629 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM0629 Datasheet HTML 7Page - STMicroelectronics UM0629 Datasheet HTML 8Page - STMicroelectronics UM0629 Datasheet HTML 9Page - STMicroelectronics UM0629 Datasheet HTML 10Page - STMicroelectronics UM0629 Datasheet HTML 11Page - STMicroelectronics UM0629 Datasheet HTML 12Page - STMicroelectronics UM0629 Datasheet HTML 13Page - STMicroelectronics UM0629 Datasheet HTML 14Page - STMicroelectronics UM0629 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
UM0629
STM8L1/L2 motherboard
Doc ID 15312 Rev 2
11/26
2.9
Display and input devices
Display devices available are:
●
122x32 dot-matrix serial interface LCD (U2)
●
4 general purpose LED's (LD2,3,4,5)
Input devices available are:
●
4-direction joystick
●
selection key
●
general purpose button (B2)
2.10
Bi-color LED
A bi-color LED is connected to PB0 through a voltage translator which guarantees that the
bi-color LED works when the STM8L101 is powered by an adjustable voltage from 1.8 V to
3.3 V.
2.11
Economic measurement and potentiometer RV1
The economic measurement solution is demonstrated based on the internal comparator
inside the STM8L101 and potentiometer RV1.
As shown in Figure 5, the voltage divided by resister bridge R10 and R11 can be measured
by using an internal comparator of the STM8L1, with Vref connected to channel 2 of the
comparator and an RC charge circuit connected to the COM channel of the comparator.
To measure the voltage Vin from the potentiometer:
1.
Compare Vref with the voltage on C8 which is charged by a series of pulses generated
by PC4.
2.
Record pulse number PN_Vref when the voltage on C8 reaches voltage reference Vref.
3.
Another charge pulse PN_Vin can be obtained with voltage connected to CH1 also like
PN_Vref.
4.
The voltage Vin can be calculated based on both numbers PN_Vref and PN_Vin.
Table 5.
122x32 dot matrix LCD U13
Pin on U2
Description
Pin connection
1
Vss
GND
2Vcc
+3V3
3VO
-
4
CLK
PB5
5
SID
PB6
6CS
PD1
7A
+5V
8K
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com