Electronic Components Datasheet Search
  English  ▼

X  

UM0629 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM0629
Description  STM8L101-EVAL evaluation board
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0629 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM0629 Datasheet HTML 14Page - STMicroelectronics UM0629 Datasheet HTML 15Page - STMicroelectronics UM0629 Datasheet HTML 16Page - STMicroelectronics UM0629 Datasheet HTML 17Page - STMicroelectronics UM0629 Datasheet HTML 18Page - STMicroelectronics UM0629 Datasheet HTML 19Page - STMicroelectronics UM0629 Datasheet HTML 20Page - STMicroelectronics UM0629 Datasheet HTML 21Page - STMicroelectronics UM0629 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Figure 11.
STM8L1 motherboard MCU
STMicroelectronics
Title:
Number:
Rev:
Sheet
of
A.1(PCB.SCH) Date:10/12/2009
MB709
2
6
STM8L1/L2-MB MCU
MicroSD_CS
SPI_SCK
SPI_MOSI
LCD_CS
SPI_MISO
Audio_PWM
MIC_OUT
BEEP
BNC
Potentiometer
I2C_SLK
I2C_SDA
LED4
LED3
LED1
LED2
JOY_SEL
JOY_DOWN
JOY_LEFT
JOY_RIGHT
JOY_UP
User_Button
USART_TX
USART_RX
B1
RESET
R15
10K
MCU_VDD
C5
100nF
RESET#
3
2
1
JP1
C9
20pF
C10
20pF
X1
Not Fitted
R17
60
BiD_LED
L1
BEAD
C11
10uF
C12
10nF
JP3
Not Fitted
C7
100nF
VDD
VDD
VDDA
C6
100nF
MCU_VDD
PA1
PA2
PA4
PA5
PA6
PG0
PG1
PG2
PG3
PD0
PD1
PD2
PD3
PB0
PB1
PB2
PB3
PE0
PE1
PE2
PE3
PE4
PE5
PE6
PE7
PB4
PB5
PB6
PB7
PD4
PD5
PD6
PD7
PF0
PF1
PF2
PF3
PF4
PF5
PF6
PF7
PC0
PC1
PC2
PC3
PC4
PC5
PC6
PC7
PH0
PH1
PH2
PA0
VDD
VDDA
PG4
PG5
PG6
PG7
VDD
PA3
PA1/NRST
1
PA2/HSE_IN
2
PA3/HSE_OUT
3
PA4/ADC_IN15/TIM2_BKIN
8
PG4
4
PG5
5
PG6
6
PG7
7
PA5/ADC_IN14/TIM3_BKIN
9
PA6/ADC_IN13/COMP_REF
10
VSSA
11
VSS
12
VDD
13
VDDA
14
PG0/REF+
15
PG1/REF-
16
PG2/ADC_IN12
17
PG3/ADC_IN11
18
PD0/TIM3_CH2/COMP1_CH3
19
PD1/TIM3_TRIG/COMP1_CH4
20
PD2/COMP2_CH3
21
PD3/COMP2_CH4
22
PB0/TIM2_CH1/COMP1_CH1
23
PB1/TIM3_CH1/COMP1_CH2
24
PB2/ TIM2_CH2/COMP2_CH1
25
PB3/TIM2_TRIG/COMP2_CH2
26
PE0/ADC_IN2
27
PE1/ADC_IN1
28
PE2/ADC_IN0
29
PE3
30
PE4
31
PE5
32
PE6
33
PE7
34
PB4/SPI_NSS
35
PB5/SPI_SCK
36
PB6/SPI_MOSI
37
PB7/SPI_MISO
38
VSS
39
VDD
40
PD4
41
PD5
42
PD6
43
PD7
44
PF0
45
PF1
46
PF2
47
PF3
48
PF4
49
PF5
50
PF6
51
PF7
52
PC0/I2C_SDA
53
PC1/I2C_SCL
54
PC2/USART_RX
55
PC3/USART_TX
56
PC4/USART_CK/CCO
57
PC5/LSE_IN
58
PC6/LSE_OUT
59
PC7
60
PH0
61
PH1
62
PH2
63
PA0/SWIM/BEEP/IR_TIM
64
U4
Not Fitted
MCU_VDD
1
2
3
4
CN6
609-1306-ND(2. 54mm)
1
2
3
4
CN5
214017
RESET#
R9
0
PA0
SWIM connector
SWIM connector
SWIM connector
1
2
3
JP2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
101
102
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
G1
G4
G1
G4
G2
G3
G2
G3
CN2
Not Fitted
RESET#
PA2
PA4
PA5
PA6
PG0
PG1
PG2
PG3
PD0
PD1
PD2
PD3
PB0
PB1
PB2
PB3
PE0
PE1
PE2
PE3
PE4
PE5
VDD
VDDA
PG4
PG5
PG6
PG7
PA3
PE6
PE7
PB4
PB5
PB6
PB7
PD4
PD5
PD6
PD7
PF0
PF1
PF2
PF3
PF4
PF5
PF6
PF7
PC0
PC1
PC2
PC3
PC4
PC7
PH0
PH1
PH2
PA0
VDD
R18
820
1
2
3
4
5
6
7
8
9
10
11 12
13 14
15 16
17 18
19 20
21 22
23 24
25 26
27 28
29 30
31 32
33 34
35 36
CN3
Header 18X2 on the left
1
2
3
4
5
6
7
8
9
10
11 12
13 14
15 16
17 18
19 20
21 22
23 24
25 26
27 28
29 30
31 32
33 34
35 36
CN4
Header 18X2 on the right
D5V
RESET#
Exension connector
MCU_VDD
C8
100nF
R14
10K
PA6
PC4
R11
8K
R10
25K
PE0
PD2
+3V3
R12
29K
R13
4K
PD3
Comparator
STice connector
MCU
Economic measurement
PA1
PA2
PA4
PA5
PA6
PG0
PG1
PG2
PG3
PD0
PD1
PD2
PD3
PB0
PB1
PB2
PB3
PE0
PE1
PE2
PE3
PE4
PE5
PG4
PG5
PG6
PG7
PA3
PE6
PE7
PB4
PB5
PB6
PB7
PD4
PD5
PD6
PD7
PF0
PF1
PF2
PF3
PF4
PF5
PF6
PF7
PC0
PC1
PC2
PC3
PC4
PC7
PH0
PH1
PH2
PA0
X2
Not Fitted
C13
10pF
C14
10pF
JP4
JP5
2
3
1
JP6
solder bridge
2
1
3
JP7
solder bridge
EX_PC5
EX_PC6
EX_PC5
EX_PC6
EX_PC5
EX_PC6
SDcard_detect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com