Electronic Components Datasheet Search
  English  ▼

X  

UM0629 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM0629
Description  STM8L101-EVAL evaluation board
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0629 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM0629 Datasheet HTML 15Page - STMicroelectronics UM0629 Datasheet HTML 16Page - STMicroelectronics UM0629 Datasheet HTML 17Page - STMicroelectronics UM0629 Datasheet HTML 18Page - STMicroelectronics UM0629 Datasheet HTML 19Page - STMicroelectronics UM0629 Datasheet HTML 20Page - STMicroelectronics UM0629 Datasheet HTML 21Page - STMicroelectronics UM0629 Datasheet HTML 22Page - STMicroelectronics UM0629 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Figure 12.
STM8L1 motherboard LCD and SD
STMicroelectronics
Title:
Number:
Rev:
A.1(PCB.SCH)
Date:
1/21/2009
MB709
STM8L1/L2-MB LCD&SD
Vss
1
Vcc
2
VO
3
CLK
4
SID
5
CS
6
A
7
K
8
U2
HXM122032-GB1
+3V3
R4
0
R2
do not fit
R1
do not fit
+5V
+3V3
C3
100nF
MicroSD_CS
SPI_SCK
SPI_MOSI
LCD_CS
+3V3
R7
4K7
+3V3
R5
0
SPI_MISO
1
2
3
4
5
6
7
8
SW2
9
SW1
10
CN1
PJS008-2000 (SMS064FF or SMS128FF)
MCU_VDD
R6
do not fit
R3
0
SDcard_detect
MicroSD card
LCD
VL
1
IOVL_1
2
IOVL_2
3
IOVL_3
4
IOVL_4
5
NC
6
GND
7
THREE_STATE
8
NC
9
IOVCC_4
10
IOVCC_3
11
IOVCC_2
12
IOVCC_1
13
VCC
14
U1
MAX3378EEUD
+3V3
MCU_VDD
R55
do not fit
MCU_VDD
R69
0
C2
100nF
C1
100nF
2
T1
9013
R54
1K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com