Electronic Components Datasheet Search
  English  ▼

X  

UM0629 Datasheet(PDF) 20 Page - STMicroelectronics

Part # UM0629
Description  STM8L101-EVAL evaluation board
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0629 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button UM0629 Datasheet HTML 16Page - STMicroelectronics UM0629 Datasheet HTML 17Page - STMicroelectronics UM0629 Datasheet HTML 18Page - STMicroelectronics UM0629 Datasheet HTML 19Page - STMicroelectronics UM0629 Datasheet HTML 20Page - STMicroelectronics UM0629 Datasheet HTML 21Page - STMicroelectronics UM0629 Datasheet HTML 22Page - STMicroelectronics UM0629 Datasheet HTML 23Page - STMicroelectronics UM0629 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Figure 13.
STM8L1 motherboard peripherals
1
1
2
2
3
3
4
4
STMicroelectronics
Title:
Number:
Rev:
Sheet
of
A.1(PCB.SCH)
Date:
1/21/2009
MB709
4
6
STM8L1/L2-MB Peripherals
1
2
3
4
5
CN7
VB334 (do not fit)
2
RV1
10K
R21
0
MCU_VDD
BNC
Potentiometer
BNC connector
Potentiometer
E0
1
E1
2
E2
3
VSS
4
SDA
5
SCL
6
WC
7
VCC
8
U6
M24C64-RMN6
R35
10K
JP8
MCU_VDD
R42
4K7
R43
4K7
I2C_SLK
I2C_SDA
R22
0
R23
0
C16
100nF
1
2
LD4
Orange
1
2
LD3
Green
1
2
LD5
Blue
1
2
LD2
Red
+3V3
R37
600
R38
600
R39
600
R40
600
LED4
LED3
LED1
LED2
MCU_VDD
R45
100
COMMON
5
Selection
2
DWON
3
LEFT
1
RIGHT
4
UP
6
U7
MT008-A
R28
0
R27
0
R26
0
R25
0
R24
0
JOY_SEL
JOY_DOWN
JOY_LEFT
JOY_RIGHT
JOY_UP
Joystick
R41
4K7
B2
USER
C15
100nF
MCU_VDD
R44
100
R20
0
User_Button
User Button
BiD_LED
1
2
LD1
L-317EGW-SS
R36
300
+5V
LEDs
EEPROM
Bi-color LED
VCCA
1
GND
2
A
3
B
4
DIR
5
VCCB
6
U3
SN74LVC1T45DCKT
R16
300
+5V
MCU_VDD
MCU_VDD
R19
10K
MCU_VDD
USART_TX
USART_RX
R29
0
R2out
9
R2in
8
T1in
11
R1out
12
T1out
14
R1in
13
T2in
10
T2out
7
C1+
1
C1-
3
C2+
4
C2-
5
V+
2
V-
6
VCC
16
GND
15
U8
ST3232ECTR
C17
100nF
C25
0.1uF
C24
0.1uF
C23
0.1uF
C26
0.1uF
MCU_VDD
1
6
2
7
3
8
4
9
5
CN8
DB9-male USART1
R46
do not fit
R8
10K
RS232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com