Electronic Components Datasheet Search
  English  ▼

X  

UM1510 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM1510
Description  STM32L152D-EVAL demonstration firmware
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1510 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM1510 Datasheet HTML 3Page - STMicroelectronics UM1510 Datasheet HTML 4Page - STMicroelectronics UM1510 Datasheet HTML 5Page - STMicroelectronics UM1510 Datasheet HTML 6Page - STMicroelectronics UM1510 Datasheet HTML 7Page - STMicroelectronics UM1510 Datasheet HTML 8Page - STMicroelectronics UM1510 Datasheet HTML 9Page - STMicroelectronics UM1510 Datasheet HTML 10Page - STMicroelectronics UM1510 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 69 page
background image
UM1510
Functional description
Doc ID 022713 Rev 1
7/69
1.2
Clocking
Two clock sources are available on the STM32L152D-EVAL evaluation board:
●
32 kHz crystal for embedded RTC and glass LCD
●
8 MHz crystal for the STM32L152ZD main clock system
1.3
Reset control
The reset can be generated by hardware or software:
●
Reset button: activates the RESET input when pressed
●
JTAG reset
1.4
Debug JTAG interface
Software debug is done via the standard ARM® JTAG connection: 20-pin IDC (insulation
displacement connector) for connection to the standard ARM host interface.
1.5
Serial wire debugger interface
The Serial Wire Debug Port (SWD-DP) provides a 2-pin (clock + data) interface to the AHP-
AP port.
1.6
Embedded ST-LINK
An embedded ST-LINK is integrated on the board as an embedded in-circuit debugger and
programmer for the STM32L152ZD MCU.
1.7
Display devices
1.7.1
LCD
A color LCD module is mounted on the STM32L152D-EVAL board. It is interfaced through
the embedded FSMC peripheral.
1.7.2
LCD Glass
An LCD Glass module is mounted on the STM32L152D-EVAL board. It is interfaced through
the embedded LCD Glass peripheral.
1.7.3
LEDs
Four general-purpose LEDs are available. They are used as a display.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com