Electronic Components Datasheet Search
  English  ▼

X  

UM1510 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM1510
Description  STM32L152D-EVAL demonstration firmware
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1510 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM1510 Datasheet HTML 5Page - STMicroelectronics UM1510 Datasheet HTML 6Page - STMicroelectronics UM1510 Datasheet HTML 7Page - STMicroelectronics UM1510 Datasheet HTML 8Page - STMicroelectronics UM1510 Datasheet HTML 9Page - STMicroelectronics UM1510 Datasheet HTML 10Page - STMicroelectronics UM1510 Datasheet HTML 11Page - STMicroelectronics UM1510 Datasheet HTML 12Page - STMicroelectronics UM1510 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 69 page
background image
UM1510
Functional description
Doc ID 022713 Rev 1
9/69
1.10.7
M24LR64 dual Interface EEPROM (RF/I²C)
The M24LR64 dual Interface EEPROM daughter board implemented on the module is the
M24LR64-R. The daughter board can be connected on CN12 to STM32L152ZDT6 via I2C
bus.
I²C device Select of the M24LR64 is 1010 E2E1E0. For more details about the M24LR64
memory addressing in I²C mode, please refer to the M24LR64 datasheet.
1.10.8
SRAM
The STM32L152D-EVAL evaluation board includes a 512Kx16 SRAM connected to bank2
of FSMC interface.
1.10.9
NOR Flash
The STM32L152D-EVAL evaluation board provides a 128-Mbit of Nor Flash connected to
bank1 of FSMC interface.
1.10.10
Temperature sensor
The STM32L152D-EVAL evaluation board includes an I2C temperature sensor connected to
the I2C1 peripheral.
1.10.11
STM32L152D-EVAL board jumper configuration
To be able to run the STM32L152D-EVAL demo correctly, configure the following
STM32L152D-EVAL board jumpers as follows:
●
JP1: fitted in PSU position
●
JP2: fitted in LDR position
●
JP4: fitted in RS232 position
●
JP5: fitted in VDD position <->3.3 V
●
JP6, JP8: fitted in position 1<->2
●
JP7: fitted in position 1<->2
●
JP10: fitted in IDD position
●
JP14 I2C_SMB: fitted
●
The LCD Glass should be in IO position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com