Electronic Components Datasheet Search
  English  ▼

X  

UM1510 Datasheet(PDF) 37 Page - STMicroelectronics

Part # UM1510
Description  STM32L152D-EVAL demonstration firmware
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1510 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button UM1510 Datasheet HTML 33Page - STMicroelectronics UM1510 Datasheet HTML 34Page - STMicroelectronics UM1510 Datasheet HTML 35Page - STMicroelectronics UM1510 Datasheet HTML 36Page - STMicroelectronics UM1510 Datasheet HTML 37Page - STMicroelectronics UM1510 Datasheet HTML 38Page - STMicroelectronics UM1510 Datasheet HTML 39Page - STMicroelectronics UM1510 Datasheet HTML 40Page - STMicroelectronics UM1510 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 69 page
background image
UM1510
Running the demonstration
Doc ID 022713 Rev 1
37/69
Figure 41.
IDD Measure menu
●
If the IDD RUN 32MHz Mode submenu is selected, the RUN message is displayed on
the LCD Glass and the message shown in Figure 42 is displayed on the LCD screen.
Figure 42.
Run 32MHz Mode display submenu
The IDD value is displayed on the LCD screen until the joystick push-button is pressed. Once
the joystick push-button is pressed, the MCU exits the IDD RUN 32MHz Mode submenu, the
STM32L message is displayed on the LCD Glass and the message shown in Figure 41 is
displayed on the LCD screen.
●
If the IDD RUN 1MHz Mode submenu is selected, the STM32L message is displayed
on the LCD Glass and the message shown in Figure 43 is displayed on the LCD
screen.
IDD RUN 32MHz Mode
BIAS MEASUREMENT
IDD RUN 1MHz Mode
IDD SLEEP Mode
IDD Measure
IDD RUN LP Mode
IDD STOP Mode
IDD SLEEP LP Mode
IDD STANDBY Mode
Return
Run at System Clock
To exit press
Joystick
32MHz and all
peripheral ON
IDD: xxx,xxx mA
STM32L LowPower Mode
Press Joystick to
continue.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com