Electronic Components Datasheet Search
  English  ▼

X  

LT4254 Datasheet(PDF) 1 Page - Linear Technology

Part # LT4254
Description  Positive High Voltage Hot Swap Controller with Open-Circuit Detect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4254 Datasheet(HTML) 1 Page - Linear Technology

  LT4254 Datasheet HTML 1Page - Linear Technology LT4254 Datasheet HTML 2Page - Linear Technology LT4254 Datasheet HTML 3Page - Linear Technology LT4254 Datasheet HTML 4Page - Linear Technology LT4254 Datasheet HTML 5Page - Linear Technology LT4254 Datasheet HTML 6Page - Linear Technology LT4254 Datasheet HTML 7Page - Linear Technology LT4254 Datasheet HTML 8Page - Linear Technology LT4254 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT4254
1
4254fb
The LT
®4254 is a high voltage Hot Swap
TM controller that
allows a board to be safely inserted and removed from a
live backplane. An internal driver controls the high side
N-channel MOSFET gate for supply voltages ranging from
10.8V to 36V. The part features an open-circuit detect
(OPEN) output that indicates abnormally low load current
conditions.
The LT4254 features an adjustable analog foldback cur-
rent limit. If the supply remains in current limit for more
than a programmable time, the N-channel MOSFET shuts
off, the PWRGD output goes low and the LT4254 either
automatically restarts after a time-out delay or latches off
until the UV pin is cycled low. The RETRY pin sets whether
the part will automatically restart after an overcurrent fault
or if it will latch off until the UV pin is cycled low.
The PWRGD output indicates when the output voltage
rises above a programmed level. An external resistor
string from VCC provides programmable undervoltage and
overvoltage protection.
■
Hot Board Insertion
■ Electronic Circuit Breaker/Power Bussing
■ Industrial High Side Switch/Circuit Breaker
■
24V Industrial/Alarm Systems
■ 12V and 24V Distributed Power Systems
■ Allows Safe Board Insertion and Removal from a
Live Backplane
■ Controls Supply Voltage from 10.8V to 36V
■ Foldback Current Limiting
■
Open Circuit and Overcurrent Fault Detect
■ Drives an External N-Channel MOSFET
■ Automatic Retry or Latched Off Operation
After Overcurrent Fault
■ Programmable Supply Voltage Power-Up Rate
■ Undervoltage and Overvoltage Protection
■
Open MOSFET Detection
■ Available in 16-Lead SSOP Package
Positive High Voltage
Hot Swap Controller
with Open-Circuit Detect
4254 TA01
R5
0.025
Ω
LT4254
SENSE
VCC
GATE
FB
PWRGD
RETRY
UV
OV
TIMER
GND
VIN
24V
GND
(SHORT PIN)
Q1
IRF530
D1
CMPZ5241B
11V
R3
40.2k
R2
40.2k
R1
324k
R7
100
Ω
R9
40.2k
R6
10
Ω
R8
140k
PWRGD
VOUT
24V
1.5A
R4
27k
CL
C2
33nF
C3
0.1
µF
C1
10nF
OPEN
UV = 20V
OV = 40V
PWRGD = 18V
24V, 2A Hot Swap Controller
VIN
20V/DIV
VOUT
20V/DIV
INRUSH
CURRENT
500mA/DIV
PWRGD
20V/DIV
2.5ms/DIV
4245 TA02
LT4254 Start-Up Behavior
DESCRIPTIO
FEATURES
APPLICATIO S
, LTC and LT are registered trademarks of Linear Technology Corporation.
Hot Swap is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
CL = 168µF
CONTACT BOUNCE
TYPICAL APPLICATIO


Similar Part No. - LT4254

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4254 LINER-LT4254 Datasheet
253Kb / 16P
Positive High Voltage Hot Swap Controller with Open-Circuit Detect
More results

Similar Description - LT4254

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1641 LINER-LT1641 Datasheet
187Kb / 12P
Positive High Voltage Hot Swap Controller
LT4256-3 LINER-LT4256-3 Datasheet
305Kb / 20P
Positive High Voltage Hot Swap Controller with Open-Circuit Detect
LTC4260 LINER-LTC4260 Datasheet
251Kb / 28P
Positive High Voltage Hot Swap Controller with I2C Compatible Monitoring
logo
Micrel Semiconductor
MIC2587 MICREL-MIC2587 Datasheet
536Kb / 16P
Single-Channel, Positive High-Voltage Hot Swap Controller
logo
Linear Technology
LT1641 LINER-LT1641_15 Datasheet
198Kb / 12P
Positive High Voltage Hot Swap Controller
LT4256-3 LINER-LT4256-3_15 Datasheet
266Kb / 20P
Positive High Voltage Hot Swap Controller with Open-Circuit Detect
LTC4260 LINER-LTC4260_15 Datasheet
300Kb / 30P
Positive High Voltage Hot Swap Controller with I2C Compatible Monitoring
logo
Micrel Semiconductor
MIC2587 MICREL-MIC2587_13 Datasheet
1,007Kb / 22P
Single-Channel, Positive High-Voltage Hot Swap Controller
logo
Texas Instruments
TPS2490 TI1-TPS2490_17 Datasheet
1Mb / 36P
Positive High-Voltage Power-Limiting Hot Swap Controller
logo
Linear Technology
LT4254 LINER-LT4254 Datasheet
253Kb / 16P
Positive High Voltage Hot Swap Controller with Open-Circuit Detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com