Electronic Components Datasheet Search
  English  ▼

X  

LT4254 Datasheet(PDF) 5 Page - Linear Technology

Part # LT4254
Description  Positive High Voltage Hot Swap Controller with Open-Circuit Detect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4254 Datasheet(HTML) 5 Page - Linear Technology

  LT4254 Datasheet HTML 1Page - Linear Technology LT4254 Datasheet HTML 2Page - Linear Technology LT4254 Datasheet HTML 3Page - Linear Technology LT4254 Datasheet HTML 4Page - Linear Technology LT4254 Datasheet HTML 5Page - Linear Technology LT4254 Datasheet HTML 6Page - Linear Technology LT4254 Datasheet HTML 7Page - Linear Technology LT4254 Datasheet HTML 8Page - Linear Technology LT4254 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT4254
5
4254fb
TYPICAL PERFOR A CE CHARACTERISTICS
TIMER Shutdown Threshold
vs Temperature
TIMER Pin Pull-Up Current vs VCC
UV Threshold Voltage (High-to-
Low) vs Temperature
TIMER Pin Pull-Up Current
vs Temperature
UV Hysteresis vs Temperature
TEMPERATURE (
°C)
–50
–25
–150
–130
–140
–110
–80
0
50
75
4254 G13
–120
–90
–100
25
100
125
TIMER Pin Pull-Down Current
vs Temperature
TEMPERATURE (
°C)
–50
3.5
25
4254 G14
2.0
1.0
–25
0
50
0.5
0
4.0
3.0
2.5
1.5
75
100
125
TIMER Pin Pull-Down Current
vs VCC
TEMPERATURE (
°C)
–50
–25
4.0
4.4
5.0
0
50
75
4254 G16
4.2
4.8
4.6
25
100
125
TEMPERATURE (
°C)
–50
3.65
25
4254 G18
3.62
3.60
–25
0
50
3.59
3.58
3.66
3.64
3.63
3.61
75
100
125
UV Threshold Voltage (Low-to-
High) vs Temperature
TEMPERATURE (
°C)
–50
4.00
4.01
4.02
25
75
4254 G19
3.99
3.98
–25
0
50
100
125
3.97
3.96
TEMPERATURE (
°C)
–50
400
450
500
25
75
4254 G20
350
300
–25
0
50
100
125
250
200
OV Threshold Voltage (Low-to-
High) vs Temperature
TEMPERATURE (
°C)
–50
4.00
4.01
4.02
25
75
4257 G21
3.99
3.98
–25
0
50
100
125
3.97
3.96
VCC (V)
TA = 25°C
10
–126
–124
–122
–120
–118
–116
15
20
25
30
4254 G17
35
40
VCC (V)
10
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
25
35
" #" /#
15
20
30
40
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com