Electronic Components Datasheet Search
  English  ▼

X  

LT4254 Datasheet(PDF) 3 Page - Linear Technology

Part # LT4254
Description  Positive High Voltage Hot Swap Controller with Open-Circuit Detect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4254 Datasheet(HTML) 3 Page - Linear Technology

  LT4254 Datasheet HTML 1Page - Linear Technology LT4254 Datasheet HTML 2Page - Linear Technology LT4254 Datasheet HTML 3Page - Linear Technology LT4254 Datasheet HTML 4Page - Linear Technology LT4254 Datasheet HTML 5Page - Linear Technology LT4254 Datasheet HTML 6Page - Linear Technology LT4254 Datasheet HTML 7Page - Linear Technology LT4254 Datasheet HTML 8Page - Linear Technology LT4254 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT4254
3
4254fb
TA = 25°C
VCC (V)
10
1.0
1.5
2.0
2.5
3.0
15
20
25
30
4254 G03
35
40
IPWRGD
PWRGD Pin Leakage Current
VPWRGD = 36V
0.1
10
µA
IINFB
FB Input Current
FB = 4.5V
–1
–0.1
µA
ITIMERPU
TIMER Pull-Up Current
●
– 60
– 120
–180
µA
ITIMERPD
TIMER Pull-Down Current
●
135
µA
VTHTIMER
TIMER Shut-Down Threshold Voltage
CTIMER = 10nF
●
4.3
4.65
5
V
DTIMER
Duty Cycle (RETRY Mode)
●
1.5
3
4.5
%
VRETRY(TH)
RETRY Threshold
●
0.4
0.8
1.2
V
IINRTR
RETRY Input Current
RETRY = GND
–120
–85
–40
µA
tPHLUV
UV Low to GATE Low
CGATE = 100pF
1.7
µs
tPLHUV
UV High to GATE High
CGATE = 100pF
6
µs
tPHLFB
FB Low to PWRGD Low
0.8
µs
tPLHFB
FB High to PWRGD High
3.2
µs
tPHLSENSE
(VCC – VSENSE) High to GATE Low
VCC – VSENSE = 275mV
2.5
4
µs
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 24V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: An internal clamp limits the GATE pin to a maximum of 11V above
VCC (under normal operating conditions). Driving this pin to a voltage
beyond the clamp voltage may damage the part.
TYPICAL PERFOR A CE CHARACTERISTICS
ICC vs VCC
SENSE Pin Regulation Voltage
vs Temperature, FB = 0V
SENSE Pin Regulation Voltage
vs Temperature, FB > 2V
TEMPERATURE (
°C)
–50
13
15
17
25
75
4254 G01
11
9
–25
0
50
100
125
7
5
TEMPERATURE (
°C)
–50
40
45
50
55
60
–25
0
25
50
4254 G02
75
100
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com