Electronic Components Datasheet Search
  English  ▼

X  

LT6010 Datasheet(PDF) 1 Page - Linear Technology

Part # LT6010
Description  Rail-to-Rail Output Precision Op Amp with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6010 Datasheet(HTML) 1 Page - Linear Technology

  LT6010 Datasheet HTML 1Page - Linear Technology LT6010 Datasheet HTML 2Page - Linear Technology LT6010 Datasheet HTML 3Page - Linear Technology LT6010 Datasheet HTML 4Page - Linear Technology LT6010 Datasheet HTML 5Page - Linear Technology LT6010 Datasheet HTML 6Page - Linear Technology LT6010 Datasheet HTML 7Page - Linear Technology LT6010 Datasheet HTML 8Page - Linear Technology LT6010 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT6010
1
sn6010 6010fs
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
s
Thermocouple Amplifiers
s
Precision Photo Diode Amplifiers
s
Instrumentation Amplifiers
s
Battery-Powered Precision Systems
s
35
µV Maximum Offset Voltage
s
110pA Maximum Input Bias Current
s
135
µA Supply Current
s
Rail-to-Rail Output Swing
s
12
µA Supply Current in Shutdown
s
120dB Minimum Voltage Gain (VS = ±15V)
s
0.8
µV/°C Maximum VOS Drift
s
14nV/
√Hz Input Noise Voltage
s
2.7V to
±18V Supply Voltage Operation
s
Operating Temperature Range: – 40
°C to 85°C
s
Space Saving 3mm
× 3mm DFN Package
135
µA, 14nV/√Hz,
Rail-to-Rail Output Precision
Op Amp with Shutdown
, LTC and LT are registered trademarks of Linear Technology Corporation.
The LT
®6010 op amp combines low noise and high preci-
sion input performance with low power consumption and
rail-to-rail output swing.
Input offset voltage is trimmed to less than 35
µV. The low
drift and excellent long-term stability guarantee a high
accuracy over temperature and over time. The 110pA
maximum input bias current and 120dB minimum voltage
gain further maintain this precision over operating
conditions.
The LT6010 works on any power supply voltage from 2.7V
to 36V, and draws only 135
µA of supply current on a 5V
supply. A power saving shutdown feature reduces supply
current to 12
µA. The output voltage swings to within
40mV of either supply rail, making the amplifier a good
choice for low voltage single supply operation.
The LT6010 is fully specified at 5V and
±15V supplies and
from –40
°C to 85°C. The device is available in SO-8 and
space-saving 3mm
× 3mm DFN packages. This op amp
is also available in dual (LT6011) and quad (LT6012)
packages.
Single Supply Current Source for Platinum RTD
VS
VS
R1
12.4k
0.1%
R2
100
Ω
1%
C1
0.1
µF
1k
AT 0
°C
RTD*
R5
1k, 5%
R4
1k, 5%
VOUT = 100mV AT 0°C + 385µV/°C
–50
°C TO 600°C
+
–
6010 TA01a
VS = 2.7V TO 20V
ICC ≈ 320µA
*OMEGA F3141 1k
Ω, 0.1% PLATINUM RTD
(800) 826-6342
LT6010
2
1
2
64
7
6
4
3
1
µF
LT1790-1.25
Distribution of Offset Voltage Drift
DISTRIBUTION (
µV/°C)
–0.8 –0.6 –0.4 –0.2
6010 TA01b
0
0.4 0.6
0.8
0.2
20
18
16
14
12
10
8
6
4
2
0
VS = ±2.5V
SO-8 PACKAGES


Similar Part No. - LT6010

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6010 LINER-LT6010 Datasheet
602Kb / 16P
Rail-to-Rail Output Precision Op Amp with Shutdown
LT6010 LINER-LT6010 Datasheet
303Kb / 20P
16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
LT6010 LINER-LT6010 Datasheet
1Mb / 28P
1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LT6010 LINER-LT6010 Datasheet
1Mb / 26P
30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
logo
Analog Devices
LT6010 AD-LT6010 Datasheet
802Kb / 26P
6.5MHz, 65μA Power Efficient Rail-to-Rail I/O Op Amps
Rev E
More results

Similar Description - LT6010

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6010 LINER-LT6010 Datasheet
602Kb / 16P
Rail-to-Rail Output Precision Op Amp with Shutdown
logo
Analog Devices
AD8622 AD-AD8622_09 Datasheet
590Kb / 20P
Dual, Low Power, Precision Rail-to-Rail Output Op Amp
REV. 0
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
Rail-to-Rail Output, Op Amp
August 11, 2008
logo
Analog Devices
AD8624 AD-AD8624 Datasheet
165Kb / 4P
Quad, Low Power, Precision Rail-to-Rail Output Op Amp
Rev. PrA
AD8624ARUZ AD-AD8624ARUZ Datasheet
432Kb / 20P
Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
Rail-to-Rail Output Op Amp
Rev. E
logo
Linear Technology
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
Rail-to-Rail Output Precision Op Amps
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
Rail-to-Rail Output Precision Op Amp
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
Rail-to-Rail Output Precision Op Amp
logo
Analog Devices
LTC6228 AD-LTC6228 Datasheet
2Mb / 26P
Low Distortion Rail-to-Rail Output Op Amp with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com