Electronic Components Datasheet Search
  English  ▼

X  

LT6010 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6010
Description  Rail-to-Rail Output Precision Op Amp with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6010 Datasheet(HTML) 2 Page - Linear Technology

  LT6010 Datasheet HTML 1Page - Linear Technology LT6010 Datasheet HTML 2Page - Linear Technology LT6010 Datasheet HTML 3Page - Linear Technology LT6010 Datasheet HTML 4Page - Linear Technology LT6010 Datasheet HTML 5Page - Linear Technology LT6010 Datasheet HTML 6Page - Linear Technology LT6010 Datasheet HTML 7Page - Linear Technology LT6010 Datasheet HTML 8Page - Linear Technology LT6010 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT6010
2
sn6010 6010fs
Total Supply Voltage (V+ to V–) .............................. 40V
Differential Input Voltage (Note 2) .......................... 10V
Input Voltage, Shutdown Voltage ..................... V+ to V–
Input Current (Note 2) .......................................
±10mA
Output Short-Circuit Duration (Note 3) ........... Indefinite
Operating Temperature Range (Note 4) .. – 40
°C to 85°C
Specified Temperature Range (Note 5) ... – 40
°C to 85°C
ORDER PART
NUMBER
DD PART MARKING*
TJMAX = 125°C, θJA = 160°C/W
UNDERSIDE METAL INTERNALLY CONNECTED TO V–
(PCB CONNECTION OPTIONAL)
LT6010CDD
LT6010IDD
LT6010ACDD
LT6010AIDD
(Note 1)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
*Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
NULL
–IN
+IN
V–
NULL
V+
OUT
SHDN
+
–
ORDER PART
NUMBER
S8 PART MARKING
LT6010CS8
LT6010IS8
LT6010ACS8
LT6010AIS8
6010
6010I
6010A
6010AI
TJMAX = 150°C, θJA = 190°C/W
1
2
3
4
8
7
6
5
TOP VIEW
NULL
V+
OUT
SHDN
NULL
–IN
+IN
V–
S8 PACKAGE
8-LEAD PLASTIC SO
+
–
Maximum Junction Temperature
DD Package ..................................................... 125
°C
SO-8 Package .................................................. 150
°C
Storage Temperature Range
DD Package ..................................... – 65
°C to 125°C
SO-8 Package .................................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
LADU
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 5V, 0V; VCM = 2.5V; RL to 0V; SHDN = 0.2V, unless otherwise
specified. (Note 5)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage (Note 7)
LT6010AS8
10
35
µV
TA = 0°C to 70°C
q
60
µV
TA = –40°C to 85°C
q
75
µV
LT6010S8
20
55
µV
TA = 0°C to 70°C
q
85
µV
TA = –40°C to 85°C
q
110
µV
LT6010ADD
20
60
µV
TA = 0°C to 70°C
q
85
µV
TA = –40°C to 85°C
q
100
µV
LT6010DD
30
80
µV
TA = 0°C to 70°C
q
110
µV
TA = –40°C to 85°C
q
135
µV
∆VOS/∆T
Input Offset Voltage Drift (Note 6)
LT6010AS8, LT6010S8
q
0.2
0.8
µV/°C
LT6010ADD,LT6010DD
q
0.2
1.3
µV/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com