Electronic Components Datasheet Search
  English  ▼

X  

LT6010 Datasheet(PDF) 11 Page - Linear Technology

Part # LT6010
Description  Rail-to-Rail Output Precision Op Amp with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6010 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT6010 Datasheet HTML 7Page - Linear Technology LT6010 Datasheet HTML 8Page - Linear Technology LT6010 Datasheet HTML 9Page - Linear Technology LT6010 Datasheet HTML 10Page - Linear Technology LT6010 Datasheet HTML 11Page - Linear Technology LT6010 Datasheet HTML 12Page - Linear Technology LT6010 Datasheet HTML 13Page - Linear Technology LT6010 Datasheet HTML 14Page - Linear Technology LT6010 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT6010
11
sn6010 6010fs
APPLICATIO S I FOR ATIO
Offset Voltage Adjustment
The input offset voltage of the LT6010 and its drift with
temperature are permanently trimmed at wafer testing to
the low level as specified in the electrical characteristic.
However, if further adjustment of VOSisdesired,nullingwith
a 50k potentiometer is possible and will not degrade drift
with temperature. Trimming to a value other than zero
+
–
6010 F01a
3
2
1
8
LT6010
INPUT
OUTPUT
VCC
Vee
50k
4
6
7
+
–
6010 F02a
3
2
1
8
LT6010
10k
50k
10k
4
6
7
INPUT
OUTPUT
VCC
Vee
POTENTIOMETER POSITION
0
0.2
0.4
0.6
0.8
1.0
6010 F01b
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
POTENTIOMETER POSITION
0
1.0
6010 F02b
–200
200
150
100
50
0
–50
–100
–150
0.2
0.4
0.6
0.8
Standard Adjustment
Improved Sensitivity Adjustment
Figure 1A
Figure 1B
Figure 2A
Figure 2B
creates a drift of (VOS/300µV) µV/°C, e.g., if VOS is adjusted
to 300
µV,thechangeindriftwillbe1µV/°C.Theadjustment
range with a 50k pot is approximately
±0.9mV (see Figures
1A and 1B). The sensitivity and resolution of the nulling can
be improved by using a smaller pot in conjunction with fixed
resistors. The configuration shown has an approximate
nulling range of
±150µV (see Figures 2A and 2B).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com