Electronic Components Datasheet Search
  English  ▼

X  

LT6010 Datasheet(PDF) 6 Page - Linear Technology

Part # LT6010
Description  Rail-to-Rail Output Precision Op Amp with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6010 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT6010 Datasheet HTML 2Page - Linear Technology LT6010 Datasheet HTML 3Page - Linear Technology LT6010 Datasheet HTML 4Page - Linear Technology LT6010 Datasheet HTML 5Page - Linear Technology LT6010 Datasheet HTML 6Page - Linear Technology LT6010 Datasheet HTML 7Page - Linear Technology LT6010 Datasheet HTML 8Page - Linear Technology LT6010 Datasheet HTML 9Page - Linear Technology LT6010 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT6010
6
sn6010 6010fs
Note 1: Absolute Maximum Ratings are those beyond which the life of the
device may be impaired.
Note 2: The inputs are protected by back–to–back diodes and internal
series resistors. If the differential input voltage exceeds 10V, the input
current must be limited to less than 10mA.
Note 3: A heat sink may be required to keep the junction temperature
below absolute maximum ratings.
Note 4: Both the LT6010C and LT6010I are guaranteed functional over the
operating temperature range of –40
°C to 85°C.
Note 5: The LT6010C is guaranteed to meet the specified performance
from 0
°C to 70°C and is designed, characterized and expected to meet
specified performance from –40
°C to 85°C but is not tested or QA
sampled at these temperatures. The LT6010I is guaranteed to meet
specified performance from –40
°C to 85°C.
Note 6: This parameter is not 100% tested.
Note 7: The specifications for VOS, IB and IOS depend on the grade and on
the package. The following table clarifies the notations used in the
specification table:
Standard Grade
A Grade
S8 Package
LT6010S8
LT6010AS8
DFN Package
LT6010DD
LT6010ADD
ELECTRICAL CHARACTERISTICS
TYPICAL PERFOR A CE CHARACTERISTICS
Distribution of Input Offset Voltage
Input Offset Voltage
vs Temperature
Offset Voltage
vs Input Common Mode Voltage
–25
INPUT OFFSET VOLTAGE (
µV)
0
5
15
20
25
6010 G01
10
30
–45 –35
–15
–5
5
15
25
35
45
VS = 5V, 0V
TA = 25°C
LT6010AS8
TEMPERATURE (
°C)
–50
–125
–100
–50
–25
0
125
50
0
50
75
6010 G02
–75
75
100
25
–25
25
100
125
VS = 5V, 0V
REPRESENTATIVE UNITS
INPUT COMMON MODE VOLTAGE (V)
–15
120
100
80
60
40
20
0
–20
010
6010 G03
–10
–5
515
TA = 85°C
TA = 25°C
TA = –40°C
VS = ±15V
TYPICAL PART
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SR
Slew Rate
AV = –10, RF = 50k, RG = 5k
0.08
0.11
V/
µs
TA = 0°C to 70°C
q
0.07
V/
µs
TA = –40°C to 85°C
q
0.05
V/
µs
GBW
Gain Bandwidth Product
f = 10kHz
275
350
kHz
q
250
kHz
ts
Settling Time
AV = –1, 0.01%, VOUT = 0V to 10V
85
µs
tr, tf
Rise Time, Fall Time
AV = 1, 10% to 90%, 0.1V Step
1
µs
ISHDN
SHDN Pin Current
SHDN
≤ V– + 0.2V (On)
q
0.25
µA
SHDN = V– + 2.0V (Off)
q
15
25
µA
tSHDN
SHDN Turn-On, Turn-Off Time
SHDN = V– (On) to V– + 2.0V (Off)
25
µs
SHDN = V– + 2.0V (Off) to V– (On)
25
µs
IS
Supply Current
SHDN
≤ V– + 0.2V (On)
260
330
µA
TA = 0°C to 70°C
q
380
µA
TA = –40°C to 85°C
q
400
µA
SHDN = V– + 2.0V (Off)
18
50
µA
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = ±15V, VCM = 0V, RL to 0V; SHDN = –14.8V, unless otherwise
specified. (Note 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com