Electronic Components Datasheet Search
  English  ▼

X  

AN4088 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4088
Description  Migrating between STM32F1 and STM32F0 series microcontrollers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4088 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4088 Datasheet HTML 12Page - STMicroelectronics AN4088 Datasheet HTML 13Page - STMicroelectronics AN4088 Datasheet HTML 14Page - STMicroelectronics AN4088 Datasheet HTML 15Page - STMicroelectronics AN4088 Datasheet HTML 16Page - STMicroelectronics AN4088 Datasheet HTML 17Page - STMicroelectronics AN4088 Datasheet HTML 18Page - STMicroelectronics AN4088 Datasheet HTML 19Page - STMicroelectronics AN4088 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 71 page
background image
Peripheral migration
AN4088
16/71
DocID023072 Rev 3
containing a system clock configuration routine, depending on your application
requirements.
Table 10. Example of migrating system clock configuration code from STM32F1 to STM32F0
STM32F100x Value Line running at 24 MHz (PLL as
clock source) with 0 wait states
STM32F0xx running at 48 MHz (PLL as clock source)
with 1 wait state
/* Enable HSE ----------------------------*/
RCC->CR |= ((uint32_t)RCC_CR_HSEON);
/* Wait till HSE is ready */
while((RCC->CR & RCC_CR_HSERDY) == 0)
{
}
/* Flash configuration -------------------*/
/* Prefetch ON, Flash 0 wait state */
FLASH->ACR |= FLASH_ACR_PRFTBE |
FLASH_ACR_LATENCY_0;
/* AHB and APB prescaler configuration --*/
/* HCLK = SYSCLK */
RCC->CFGR |= (uint32_t)RCC_CFGR_HPRE_DIV1;
/* PCLK2 = HCLK */
RCC->CFGR |= (uint32_t)RCC_CFGR_PPRE2_DIV1;
/* PCLK1 = HCLK */
RCC->CFGR |= (uint32_t)RCC_CFGR_PPRE1_DIV1;
/* PLL configuration = (HSE / 2) * 6 = 24 MHz
*/
RCC->CFGR |=
(uint32_t)(RCC_CFGR_PLLSRC_PREDIV1 |
RCC_CFGR_PLLXTPRE_PREDIV1_Div2 |
RCC_CFGR_PLLMULL6);
/* Enable PLL */
RCC->CR |= RCC_CR_PLLON;
/* Wait till PLL is ready */
while((RCC->CR & RCC_CR_PLLRDY) == 0)
{
}
/* Select PLL as system clock source ----*/
RCC->CFGR &=
(uint32_t)((uint32_t)~(RCC_CFGR_SW));
RCC->CFGR |= (uint32_t)RCC_CFGR_SW_PLL;
/* Wait till PLL is used as system clock
source */
while ((RCC->CFGR & (uint32_t)RCC_CFGR_SWS)
!= (uint32_t)0x08)
{
}
/* Enable HSE ----------------------------*/
RCC->CR |= ((uint32_t)RCC_CR_HSEON);
/* Wait till HSE is ready */
while((RCC->CR & RCC_CR_HSERDY) == 0)
{
}
/* Flash configuration -------------------*/
/* Prefetch ON, Flash 1 wait state */
FLASH->ACR |= FLASH_ACR_PRFTBE |
FLASH_ACR_LATENCY;
/* AHB and APB prescaler configuration --*/
/* HCLK = SYSCLK */
RCC->CFGR |= (uint32_t)RCC_CFGR_HPRE_DIV1;
/* PCLK = HCLK */
RCC->CFGR |= (uint32_t)RCC_CFGR_PPRE_DIV1;
/* PLL configuration = HSE*6=48MHz -*/
RCC->CFGR |=
(uint32_t)(RCC_CFGR_PLLSRC_PREDIV1 |
RCC_CFGR_PLLXTPRE_PREDIV1 | RCC_CFGR_PLLMULL6);
/* Enable PLL */
RCC->CR |= RCC_CR_PLLON;
/* Wait till PLL is ready */
while((RCC->CR & RCC_CR_PLLRDY) == 0)
{
}
/* Select PLL as system clock source ----*/
RCC->CFGR |= (uint32_t)RCC_CFGR_SW_PLL;
/* Wait till PLL is used as system clock
source */
while ((RCC->CFGR & (uint32_t)RCC_CFGR_SWS)
!= (uint32_t)RCC_CFGR_SWS_PLL)
{
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com