Electronic Components Datasheet Search
  English  ▼

X  

AN4088 Datasheet(PDF) 36 Page - STMicroelectronics

Part # AN4088
Description  Migrating between STM32F1 and STM32F0 series microcontrollers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4088 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button AN4088 Datasheet HTML 32Page - STMicroelectronics AN4088 Datasheet HTML 33Page - STMicroelectronics AN4088 Datasheet HTML 34Page - STMicroelectronics AN4088 Datasheet HTML 35Page - STMicroelectronics AN4088 Datasheet HTML 36Page - STMicroelectronics AN4088 Datasheet HTML 37Page - STMicroelectronics AN4088 Datasheet HTML 38Page - STMicroelectronics AN4088 Datasheet HTML 39Page - STMicroelectronics AN4088 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 71 page
background image
Peripheral migration
AN4088
36/71
DocID023072 Rev 3
3.14
I2C interface
The STM32F0 series embeds a new I2C peripheral versus the STM32F1 series. The
architecture, features and programming interface are different.
As a consequence, the STM32F0 I2C programming procedures and registers are different
from those of the STM32F1 series, so any code written for the STM32F1 series using the
I2C needs to be rewritten to run on STM32F0 series.
The STM32F0 I2C provides best-in-class new features:
Communication events managed by hardware.
Programmable analog and digital noise filters.
Independent clock source: HSI or SYSCLK.
Wake-up from STOP mode.
Fast mode + (up to 1MHz) with 20mA I/O output current drive.
7-bit and 10-bit addressing mode, multiple 7-bit slave address support with
configurable masks.
Address sequence automatic sending (both 7-bit and 10-bit) in master mode.
Automatic end of communication management in master mode.
Programmable Hold and Setup times.
Command and Data Acknowledge control.
For more information about STM32F0 I2C features, please refer to I2C chapter of
STM32F0xx Reference Manual (RM0091).
3.15
USART interface
The STM32F0 series embeds a new USART peripheral versus the STM32F1 series. The
architecture, features and programming interface are modified to introduce new capabilities.
As a consequence, the STM32F0 USART programming procedures and registers are
modified from those of the STM32F1 series, so any code written for the STM32F1 series
using the USART needs to be updated to run on STM32F0 series.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com