Electronic Components Datasheet Search
  English  ▼

X  

AN4088 Datasheet(PDF) 38 Page - STMicroelectronics

Part # AN4088
Description  Migrating between STM32F1 and STM32F0 series microcontrollers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4088 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button AN4088 Datasheet HTML 34Page - STMicroelectronics AN4088 Datasheet HTML 35Page - STMicroelectronics AN4088 Datasheet HTML 36Page - STMicroelectronics AN4088 Datasheet HTML 37Page - STMicroelectronics AN4088 Datasheet HTML 38Page - STMicroelectronics AN4088 Datasheet HTML 39Page - STMicroelectronics AN4088 Datasheet HTML 40Page - STMicroelectronics AN4088 Datasheet HTML 41Page - STMicroelectronics AN4088 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 71 page
background image
Peripheral migration
AN4088
38/71
DocID023072 Rev 3
3.16
CEC interface
The STM32F0 series embeds a new CEC peripheral versus the STM32F1 series. The
architecture, features and programming interface are modified to introduce new capabilities.
As a consequence, the STM32F0 CEC programming procedures and registers are different
from those of the STM32F1 series, so any code written for the STM32F1 series using the
CEC needs to be rewritten to run on STM32F0 series.
The STM32F0 CEC provides best-in-class added features:
32 KHz CEC kernel with dual clock
–
LSE
–
HSI/244
Reception in listen mode
Rx tolerance margin: standard or extended
Arbitration (signal free time): standard (by H/W) or aggressive (by S/W)
Arbitration lost detected flag/interrupt
Automatic transmission retry supported in case of arbitration lost
Multi-address configuration
Wake-up from STOP mode
Receive error detection
–
Bit rising error (with stop reception)
–
Short bit period error
–
Long bit period error
Configurable error bit generation
–
on bit rising error detection
–
on long bit period error detection
Transmission under run detection
Reception overrun detection
The following features present in the STM32F1 family are now handled by the new
STM32F0 CEC features and thus are no more available.
Bit timing error mode & bit period error mode, by the new error handler
Configurable prescaler frequency divider, by the CEC fixed kernel clock
For more information about STM32F0 CEC features, please refer to CEC chapter of
STM32F0xx Reference Manual (RM0091).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com