Electronic Components Datasheet Search
  English  ▼

X  

AN4088 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN4088
Description  Migrating between STM32F1 and STM32F0 series microcontrollers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4088 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN4088 Datasheet HTML 30Page - STMicroelectronics AN4088 Datasheet HTML 31Page - STMicroelectronics AN4088 Datasheet HTML 32Page - STMicroelectronics AN4088 Datasheet HTML 33Page - STMicroelectronics AN4088 Datasheet HTML 34Page - STMicroelectronics AN4088 Datasheet HTML 35Page - STMicroelectronics AN4088 Datasheet HTML 36Page - STMicroelectronics AN4088 Datasheet HTML 37Page - STMicroelectronics AN4088 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 71 page
background image
Peripheral migration
AN4088
34/71
DocID023072 Rev 3
3.11
PWR interface
In STM32F0 series the PWR controller presents some differences vs. STM32F1 series,
these differences are summarized in the table below. However, the programming interface is
unchanged.
Table 19. PWR differences between STM32F1 series and STM32F0 series
PWR
STM32F1 series
STM32F0x0/x1/x2 devices
STM32F0x8 devices
Power
supplies
1-VDD = 2.0 to 3.6 V: external
power supply for I/Os and the
internal regulator. Provided
externally through VDD pins.
2-VDDA = 2.0 to 3.6 V: external
analog power supplies for ADC,
Reset blocks, RCs and PLL.
VDDA and VSSA must be
connected to VDD and VSS,
respectively.
3-VBAT = 1.8 to 3.6 V: power
supply for RTC, external clock
32 kHz oscillator and backup
registers (through power switch)
when VDD is not present.
1-VDD = 2.0 to 3.6 V: external
power supply for I/Os and the
internal regulator. Provided
externally through VDD pins.
2-VDDA = 2.0 to 3.6 V: external
analog power supplies for ADC,
DAC, Reset blocks, RCs and
PLL. VDDA and VSSA must be
connected to VDD and VSS,
respectively.
3-VBAT = 1.65 to 3.6 V: power
supply for RTC, external clock
32 kHz oscillator and backup
registers (through power switch)
when VDD is not present.
4-VDDIO2 = 0V to 3.6V available
only STM32F07x
1-VDD = 1.8 V +/- 8%: external
power supply for I/Os. Provided
externally through VDD pins.
2-VDDA = 1.65 to 3.6 V: external
analog power supplies for ADC,
DAC, Reset blocks, RCs and
PLL. VDDA and VSSA must be
connected to VDD and VSS,
respectively.
3-VBAT = 1.65 to 3.6 V: power
supply for RTC, external clock
32 kHz oscillator and backup
registers (through power switch)
when VDD is not present.
4-VDDIO2 = 0V to 3.6V available
only STM32F07x
Battery
backup
domain
Backup registers
RTC
LSE
PC13 to PC15 I/Os
Backup registers
RTC
LSE
RCC Backup Domain Control
Register(1)
Backup registers
RTC
LSE
RCC Backup Domain Control
Register(1)
Power
supply
supervisor
Integrated POR / PDR circuitry
Programmable Voltage Detector
(PVD)
Integrated POR / PDR circuitry
Programmable Voltage Detector
(PVD)
Power ON reset must be
controlled externally through the
dedicated NPOR pin.
Low-power
modes
Sleep mode
Stop mode
Standby mode (1.8 V domain
powered-off)
Sleep mode
Stop mode
Standby mode (1.8 V domain
powered-off)
Sleep mode
Stop mode
Wake-up
sources
Sleep mode
– Any peripheral
interrupt/wakeup event
Stop mode
– Any EXTI line event/interrupt
Standby mode
– WKUP pin rising edge
– RTC alarm
– External reset in NRST pin
– IWDG reset
Sleep mode
– Any peripheral
interrupt/wakeup event
Stop mode
– Any EXTI line event/interrupt
Standby mode
– WKUPx pins rising edge
– RTC alarm / autowakeup
– External reset in NRST pin
– IWDG reset
Sleep mode
– Any peripheral
interrupt/wakeup event
Stop mode
– Any EXTI line event/interrupt
1. Same feature but specification change or enhancement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com