Electronic Components Datasheet Search
  English  ▼

X  

LTC2905 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2905
Description  Precision Dual Supply Monitors with Pin-Selectable Thresholds
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2905 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2905 Datasheet HTML 8Page - Linear Technology LTC2905 Datasheet HTML 9Page - Linear Technology LTC2905 Datasheet HTML 10Page - Linear Technology LTC2905 Datasheet HTML 11Page - Linear Technology LTC2905 Datasheet HTML 12Page - Linear Technology LTC2905 Datasheet HTML 13Page - Linear Technology LTC2905 Datasheet HTML 14Page - Linear Technology LTC2905 Datasheet HTML 15Page - Linear Technology LTC2905 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC2904/LTC2905
13
29045fd
2.5V, 1.2V Supply Monitor, 10% Tolerance
3.3V, 1.2V Dual Supply Monitor with LED Power Good Indicator,
7.5% Tolerance and Adjustable Timer
TYPICAL APPLICATIONS
5V, 3.3V Dual Supply Monitor with Voltage
Margining for Automated On-Board Testing
V2
S2
S1
GND
V1
RST
RST
TOL
LTC2904
3.3V
1.2V
0.1μF
0.1μF
29045 TA03
510Ω
LED
SYSTEM
RESET
V1
S1
S2
TOL
V2
TMR
GND
RST
LTC2905
0.1μF
22nF
0.1μF
29045 TA04
VIN
SUPPLY
CONTROLLER
THREE-STATE
DC/DC
CONVERTER
SYSTEM
LOGIC
5V
3.3V
V2
RST
RST
GND
V1
S2
S1
TOL
LTC2904
2.5V
1.2V
0.1μF
0.1μF
SYSTEM
RESET
29045 TA02
3.3V, 1.2V Dual Supply Monitor with Asymmetric Hysteresis, 5%
Tolerance (Supplies Rising), 10% Tolerance (After RST Goes Low)
V2
S2
S1
GND
V1
RST
TOL
RST
LTC2904
3.3V
1.2V
0.1μF
0.1μF
SYSTEM
RESET
29045 TA05
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com