Electronic Components Datasheet Search
  English  ▼

X  

LTC2905 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2905
Description  Precision Dual Supply Monitors with Pin-Selectable Thresholds
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2905 Datasheet(HTML) 3 Page - Linear Technology

  LTC2905 Datasheet HTML 1Page - Linear Technology LTC2905 Datasheet HTML 2Page - Linear Technology LTC2905 Datasheet HTML 3Page - Linear Technology LTC2905 Datasheet HTML 4Page - Linear Technology LTC2905 Datasheet HTML 5Page - Linear Technology LTC2905 Datasheet HTML 6Page - Linear Technology LTC2905 Datasheet HTML 7Page - Linear Technology LTC2905 Datasheet HTML 8Page - Linear Technology LTC2905 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC2904/LTC2905
3
29045fd
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VRT50
5V, 5% Reset Threshold
5V, 7.5% Reset Threshold
5V, 10% Reset Threshold
V1 Input Threshold
l
l
l
4.600
4.475
4.350
4.675
4.550
4.425
4.750
4.625
4.500
V
V
V
VRT33
3.3V, 5% Reset Threshold
3.3V, 7.5% Reset Threshold
3.3V, 10% Reset Threshold
V1, V2 Input Threshold
l
l
l
3.036
2.954
2.871
3.086
3.003
2.921
3.135
3.053
2.970
V
V
V
VRT25
2.5V, 5% Reset Threshold
2.5V, 7.5% Reset Threshold
2.5V, 10% Reset Threshold
V1, V2 Input Threshold
l
l
l
2.300
2.238
2.175
2.338
2.275
2.213
2.375
2.313
2.250
V
V
V
VRT18
1.8V, 5% Reset Threshold
1.8V, 7.5% Reset Threshold
1.8V, 10% Reset Threshold
V2 Input Threshold
l
l
l
1.656
1.611
1.566
1.683
1.638
1.593
1.710
1.665
1.620
V
V
V
VRT15
1.5V, 5% Reset Threshold
1.5V, 7.5% Reset Threshold
1.5V, 10% Reset Threshold
V2 Input Threshold
l
l
l
1.380
1.343
1.305
1.403
1.365
1.328
1.425
1.388
1.350
V
V
V
VRT12
1.2V, 5% Reset Threshold
1.2V, 7.5% Reset Threshold
1.2V, 10% Reset Threshold
V2 Input Threshold
l
l
l
1.104
1.074
1.044
1.122
1.092
1.062
1.140
1.110
1.080
V
V
V
VRT10
1V, 5% Reset Threshold
1V, 7.5% Reset Threshold
1V, 10% Reset Threshold
V2 Input Threshold
l
l
l
0.920
0.895
0.870
0.935
0.910
0.885
0.950
0.925
0.900
V
V
V
VCCMIN
Minimum Internal Operating Voltage (Note 2) RST in Correct Logic State
l
1V
IV1
V1 Input Current
Includes Input Current to Three-State Pins
l
65
130
μA
IV2
V2 Input Current
l
0.4
1.0
μA
ITMR(UP)
TMR Pull-Up Current
LTC2905
VTMR = 0V
l
–1.5
–2.1
–2.7
μA
ITMR(DOWN)
TMR Pull-Down Current
LTC2905
LTC2905H
VTMR = 1.4V
l
l
1.5
1.4
2.1
2.0
2.7
2.7
μA
μA
tRST
Reset Timeout Period
LTC2904
l
140
200
260
ms
tRST
Reset Timeout Period
LTC2905
LTC2905H
CTMR = 22nF
l
l
140
140
200
260
295
ms
ms
tUV
Vx Undervoltage Detect to
RST or RST
Vx Less than Reset Threshold VRTX
by More than 1%
150
μs
VOL
Output Voltage Low RST, RST
I = 2.5mA
I = 100μA; V1 = 1V (RST Only)
l
l
0.15
0.05
0.4
0.3
V
V
VOH
Output Voltage High RST, RST
(Notes 2, 5)
I = –1μA
l
VCC–1
V
Three-State Inputs S1, S2, TOL
VIL
Low Level Input Voltage
l
0.4
V
VIH
High Level Input Voltage
l
1.4
V
VZ
Pin Voltage When Left in Open State
I = –10μA
I = 0μA
I = 10μA
l
l
0.7
0.9
1.1
V
V
V
2905H
I = –10μA
I = 0μA
I = 10μA
l
l
0.65
0.9
1.15
V
V
V
IVPG
Programming Input Current (Note 6)
l
±25
μA
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V1 = 2.5V, V2 = 1V, S1 = TOL = V1, S2 = 0V, unless otherwise noted.
(Notes 2, 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com