Electronic Components Datasheet Search
  English  ▼

X  

LTC2905 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2905
Description  Precision Dual Supply Monitors with Pin-Selectable Thresholds
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2905 Datasheet(HTML) 2 Page - Linear Technology

  LTC2905 Datasheet HTML 1Page - Linear Technology LTC2905 Datasheet HTML 2Page - Linear Technology LTC2905 Datasheet HTML 3Page - Linear Technology LTC2905 Datasheet HTML 4Page - Linear Technology LTC2905 Datasheet HTML 5Page - Linear Technology LTC2905 Datasheet HTML 6Page - Linear Technology LTC2905 Datasheet HTML 7Page - Linear Technology LTC2905 Datasheet HTML 8Page - Linear Technology LTC2905 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC2904/LTC2905
2
29045fd
ABSOLUTE MAXIMUM RATINGS
Terminal Voltages
V1, V2 ...................................................... –0.3V to 7V
S1, S2, TOL................................–0.3V to (VCC +0.3V)
RST.......................................................... –0.3V to 7V
RST (LTC2904)........................................ –0.3V to 7V
TMR (LTC2905) ....................................... –0.3V to 7V
(Note 1, 2)
ORDER INFORMATION
TOP VIEW
DDB8 PACKAGE
8-LEAD (3mm
2mm) PLASTIC DFN
EXPOSED PAD IS GND (PIN 9),
MUST BE SOLDERED TO PCB
5
6
7
8
4
3
2
1
GND
RST
RST/TMR*
V2
TOL
S1
S2
V1
9
* RST FOR LTC2904
TMR FOR LTC2905
TJMAX = 150°C, θJA = 76°C/W
V2 1
RST/TMR* 2
RST 3
GND 4
8 V1
7 S2
6 S1
5 TOL
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
* RST FOR LTC2904
TMR FOR LTC2905
TJMAX = 150°C, θJA = 195°C/W
PIN CONFIGURATION
Operating Temperature Range
LTC2904C/LTC2905C .............................. 0°C to 70°C
LTC2904I/LTC2905I.............................–40°C to 85°C
LTC2905H.......................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
TSOT Lead Temperature (Soldering, 10 sec)......... 300°C
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2904CDDB#TRMPBF
LTC2904CDDB#TRPBF
LBCZ
8-Lead (3mm
× 2mm) Plastic DFN
0°C to 70°C
LTC2904IDDB#TRMPBF
LTC2904IDDB#TRPBF
LBDB
8-Lead (3mm
× 2mm) Plastic DFN
–40°C to 85°C
LTC2905CDDB#TRMPBF
LTC2905CDDB#TRPBF
LAJF
8-Lead (3mm
× 2mm) Plastic DFN
0°C to 70°C
LTC2905HDDB#TRMPBF
LTC2905HDDB#TRPBF
LBCY
8-Lead (3mm
× 2mm) Plastic DFN
–40°C to 125°C
LTC2905IDDB#TRMPBF
LTC2905IDDB#TRPBF
LBCY
8-Lead (3mm
× 2mm) Plastic DFN
–40°C to 85°C
LTC2904CTS8#TRMPBF
LTC2904CTS8#TRPBF
LTBCJ
8-Lead Plastic TSOT-23
0°C to 70°C
LTC2904ITS8#TRMPBF
LTC2904ITS8#TRPBF
LTBCK
8-Lead Plastic TSOT-23
–40°C to 85°C
LTC2905CTS8#TRMPBF
LTC2905CTS8#TRPBF
LTAJD
8-Lead Plastic TSOT-23
0°C to 70°C
LTC2905HTS8#TRMPBF
LTC2905HTS8#TRPBF
LTAJE
8-Lead Plastic TSOT-23
–40°C to 125°C
LTC2905ITS8#TRMPBF
LTC2905ITS8#TRPBF
LTAJE
8-Lead Plastic TSOT-23
–40°C to 85°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com