Electronic Components Datasheet Search
  English  ▼

X  

LTC2905 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2905
Description  Precision Dual Supply Monitors with Pin-Selectable Thresholds
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2905 Datasheet(HTML) 4 Page - Linear Technology

  LTC2905 Datasheet HTML 1Page - Linear Technology LTC2905 Datasheet HTML 2Page - Linear Technology LTC2905 Datasheet HTML 3Page - Linear Technology LTC2905 Datasheet HTML 4Page - Linear Technology LTC2905 Datasheet HTML 5Page - Linear Technology LTC2905 Datasheet HTML 6Page - Linear Technology LTC2905 Datasheet HTML 7Page - Linear Technology LTC2905 Datasheet HTML 8Page - Linear Technology LTC2905 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC2904/LTC2905
4
29045fd
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE ( C)
29045 G01
4.75
4.70
4.65
4.60
4.55
4.50
4.45
4.40
4.35
–50
100
25
75
–25
0
50
5%
7.5%
10%
TEMPERATURE ( C)
3.120
3.070
3.020
2.970
2.920
2.870
29045 G02
–50
100
25
75
–25
0
50
5%
7.5%
10%
TEMPERATURE ( C)
29045 G03
2.375
2.325
2.275
2.225
2.175
–50
100
25
75
–25
0
50
5%
7.5%
10%
TEMPERATURE ( C)
29045 G04
1.705
1.685
1.665
1.645
1.625
1.605
1.585
1.565
–50
100
25
75
–25
0
50
5%
7.5%
10%
TEMPERATURE ( C)
29045 G05
1.425
1.405
1.385
1.365
1.345
1.325
1.305
–50
100
25
75
–25
0
50
5%
7.5%
10%
TEMPERATURE ( C)
1.135
1.125
1.115
1.105
1.095
1.085
1.075
1.065
1.055
1.045
29045 G06
–50
100
25
75
–25
0
50
5%
7.5%
10%
1.8V Threshold Voltage
vs Temperature
1.5V Threshold Voltage
vs Temperature
1.2V Threshold Voltage
vs Temperature
5V Threshold Voltage
vs Temperature
3.3V Threshold Voltage
vs Temperature
2.5V Threshold Voltage
vs Temperature
Specifications are at TA = 25°C unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The greater of V1, V2 is the internal supply voltage (VCC).
Note 3: All currents into pins are positive; all voltages are referenced to
GND unless otherwise noted.
Note 4: For reset thresholds test conditions refer to the voltage threshold
programming table in the Applications Information section.
Note 5: The output pins RST and RST have an internal pull-up to VCC of
typically –6μA. However, an external pull-up resistor may be used when
faster rise time is required or for VOH voltages greater than VCC.
Note 6: The input current to the three-state input pins are the pull-up
and the pull-down current when the pins are either set to V1 or GND
respectively. In the open state, the maximum leakage current to V1 or GND
permissible is 10μA.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com