Electronic Components Datasheet Search
  English  ▼

X  

LTC2938 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2938
Description  Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2938 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2938 Datasheet HTML 9Page - Linear Technology LTC2938 Datasheet HTML 10Page - Linear Technology LTC2938 Datasheet HTML 11Page - Linear Technology LTC2938 Datasheet HTML 12Page - Linear Technology LTC2938 Datasheet HTML 13Page - Linear Technology LTC2938 Datasheet HTML 14Page - Linear Technology LTC2938 Datasheet HTML 15Page - Linear Technology LTC2938 Datasheet HTML 16Page - Linear Technology LTC2938 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC2938/LTC2939
13
293839ff
APPLICATIONS INFORMATION
Power-Down
On power-down, once any of the monitor inputs drops
below its threshold, RST is held at a logic low. A logic low
of 0.4V is guaranteed until both V1 and V2 drop below
1V. If the bandgap reference becomes invalid (VCC < 2V
typical), the LTC2938/LTC2939 will reconfigure when VCC
rises above 2.4V (max).
Selecting the Reset Timing Capacitor
The reset timeout period is adjustable in order to accom-
modate a variety of microprocessor applications. The reset
timeout period, tRST, is adjusted by connecting a capacitor,
CRT, between CRT and ground. The value of this capacitor
is determined by:
C
t
M
pF
ms
t
RT
RST
RST
==
⎛
⎝⎜
⎞
⎠⎟
2
500
Ω
•
Leaving CRT unconnected generates a minimum reset
timeout period of approximately 20μs. The maximum
reset timeout period is limited by the largest available low
leakage capacitor. The accuracy of the timeout period is
affected by capacitor leakage (the nominal charging current
is 2μA) and capacitor tolerance. A low leakage ceramic
capacitor is recommended.
Watchdog Timer
The watchdog circuit typically monitors a microprocessor’s
activity. The microprocessor is required to change the
logic state of the WDI input on a periodic basis in order
to clear the watchdog timer. Whenever an undervoltage
condition exists, the watchdog timer is cleared and WDO
is set high. The watchdog timer starts when RST pulls
high. Subsequent edges received on the WDI input clear
the watchdog timer. If uncleared, the watchdog timer
continues to run until it times out. Once it times out,
internal circuitry brings the WDO and RST outputs low.
WDO remains low for at least one reset timeout period
and can then be cleared by a new edge on the WDI input
or anytime an undervoltage condition occurs.
The watchdog timer may be disabled in three ways. One
method is to simply ground CWT. With CWT held at ground,
any undervoltage event forces WDO high indefinitely. A
second method is to leave the WDI input floating or in high
impedance. The last method is to continuously drive WDI
between the low and high thresholds.
Selecting the Watchdog Timing Capacitor
The watchdog timeout period is adjustable and can be
optimized for software execution. The watchdog timeout
period, tWD, is adjusted by connecting a capacitor, CWT,
between CWT and ground. The value of this capacitor is
determined by:
C
t
M
pF
ms
t
WT
WD
WD
==
⎛
⎝⎜
⎞
⎠⎟
20
50
Ω
•
Leaving CWT unconnected generates a minimum watchdog
timeout period of approximately 200μs. The maximum
watchdog timeout period is limited by the largest available
low leakage capacitor. The accuracy of the timeout period
is affected by capacitor leakage (the nominal charging
current is 2μA) and capacitor tolerance. A low leakage
ceramic capacitor is recommended.
Pull-Up Resistors for WDO and RST
The WDO and RST pins provide weak pull-up currents to
V2. This current is typically greater than 6μA when V2 is
greater than 3.3V. The magnitude of the pull-up current
decreases as V2 decreases. For V2 configured to monitor
2.5V, 1.8V, 1.5V and 1.2V supplies, external pull-up resistors
are required from both pins to the interface logic supply
to ensure that the output high voltage is above the VOH
input threshold of the external circuit. The WDO and RST
pins can be pulled to voltages higher than V2 by external
pull-up resistors.
Watchdog Application
Figure 5 shows a typical application for the LTC2938/
LTC2939. The CWT timing capacitor adjusts the watch-
dog timeout period for optimal software execution. If
the software malfunctions and the state of the WDI pin
is unchanged before the end of the watchdog timeout
period (tWD), the LTC2938/LTC2939 WDO pin is latched
to a low state. At the same time, RST is pulled low to reset
the microprocessor. While RST is low, the WDI pin does
not affect RST or WDO. The system therefore resets for
at least tRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com