Electronic Components Datasheet Search
  English  ▼

X  

LTC2938 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2938
Description  Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2938 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2938 Datasheet HTML 2Page - Linear Technology LTC2938 Datasheet HTML 3Page - Linear Technology LTC2938 Datasheet HTML 4Page - Linear Technology LTC2938 Datasheet HTML 5Page - Linear Technology LTC2938 Datasheet HTML 6Page - Linear Technology LTC2938 Datasheet HTML 7Page - Linear Technology LTC2938 Datasheet HTML 8Page - Linear Technology LTC2938 Datasheet HTML 9Page - Linear Technology LTC2938 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC2938/LTC2939
6
293839ff
TYPICAL PERFORMANCE CHARACTERISTICS
WDO Pull-Up Current vs V2
WDI Input Threshold
vs Temperature
ISINK vs Supply Voltage (RST)
Voltage Output Low
vs Sink Current (RST, WDO)
WDI Input Current vs Temperature
CRT: Reset Timeout Capacitor. Attach an external capaci-
tor (CRT) to GND to set a reset timeout of 2ms/nF. A 47nF
capacitor generates a 94ms reset delay time. Leaving CRT
unconnected generates a minimum timeout period of ap-
proximately 20μs which will vary depending on parasitic
capacitance on the pin.
TEMPERATURE (°C)
–50
–20
–15
–5
0
5
20
15
0
50
75
–10
10
–25
25
100
125
29389 G15
VWDI = 5V
VWDI = 0.7V
VWDI = 0V
VWDI = 1.1V
TEMPERATURE (°C)
–50
0.50
0.75
1.50
1.25
0
50
75
1.00
–25
25
100
125
29389 G17
HIGH
LOW
OPEN (MINIMUM)
OPEN (MAXIMUM)
V1 OR V2 (V)
0
9
12
15
4
29389 G13
6
3
0
1
2
3
5
TA = 25°C
VOL = 0.4V
VOL = 0.2V
125°C
ISINK (mA)
0
300
400
500
8
29389 G14
200
100
0
2
4
6
10
V1 = 5V
V2 = 3V
85°C
–40°C
25°C
V2 (V)
1
0
3
6
9
12
15
18
23
4
5
29389 G16
TA = 25°C
WDO = GND
PIN FUNCTIONS
CWT: Watchdog Timeout Capacitor. Attach a capacitor (CWT)
between CWT and GND to set a watchdog timeout period
of 20ms/nF. A 47nF capacitor generates a 940ms watchdog
timeout period. Leaving CWT unconnected generates a
minimum timeout period of approximately 200μs which



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com