Electronic Components Datasheet Search
  English  ▼

X  

LTC2938 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2938
Description  Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2938 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2938 Datasheet HTML 10Page - Linear Technology LTC2938 Datasheet HTML 11Page - Linear Technology LTC2938 Datasheet HTML 12Page - Linear Technology LTC2938 Datasheet HTML 13Page - Linear Technology LTC2938 Datasheet HTML 14Page - Linear Technology LTC2938 Datasheet HTML 15Page - Linear Technology LTC2938 Datasheet HTML 16Page - Linear Technology LTC2938 Datasheet HTML 17Page - Linear Technology LTC2938 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC2938/LTC2939
14
293839ff
APPLICATIONS INFORMATION
After RST returns high, the microprocessor can poll the
state of the WDO pin to determine if the reset was caused
by an undervoltage condition or by a watchdog timeout.
WDO high means that the reset was caused by undervolt-
age since this condition also resets the WDO latch (and
the watchdog timer). If the WDO pin is low, the system
reset was caused by watchdog timeout. The microproces-
sor can then change the state of WDI to clear the WDO
latch. If the microprocessor fails to do so, the LTC2938/
LTC2939 will alternate between tRST and tWD timeout
and RST will be pulled low for tRST after every watchdog
timeout. WDO remains low until the microprocessor flips
the state of WDI.
Some microprocessors force their I/O pins into high
impedance during reset which in turn, floats the WDI
pin. This affects the response of the LTC2938/LTC2939.
When the WDI pin is floated, the watchdog timer is reset
and CWT is discharged towards ground but WDO remains
unchanged. Putting WDI in high impedance does not affect
tRST. Once RST goes high again, and WDI is driven from
high impedence to a high or low state, the watchdog timer
starts a complete tWD timeout period. A high-to-low or
low-to-high transition at WDI clears WDO if it was previ-
ously latched low.
The RST and WDO pins should not be tied together to
generate the master reset signal since a watchdog timeout
forces RST low together with WDO and the master reset
signal will remain low indefinitely.
Figure 5. 6-Supply Monitor, 12V (ADJ), 5V, 3.3V, 2.5V, 1.8V, 1.2V (ADJ)
with Watchdog Enabled
VREF
LTC2939
293839 F05
2150k 1%
R1
59k
1%
5V
0.1μF
3.3V
2.5V
1.8V
12V
100k
1%
R2
40.2k
1%
100k
1%
CRT
47nF
CWT
47nF
tRST = 94ms
tWD = 940ms
0.1μF
WDI
WDO
RST
VPG GND CRT
CWT
V1
V2
V3
V4
V5
V6
124k 1%
1.2V
MICROPROCESSOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com