Electronic Components Datasheet Search
  English  ▼

X  

LTC2938 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2938
Description  Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2938 Datasheet(HTML) 4 Page - Linear Technology

  LTC2938 Datasheet HTML 1Page - Linear Technology LTC2938 Datasheet HTML 2Page - Linear Technology LTC2938 Datasheet HTML 3Page - Linear Technology LTC2938 Datasheet HTML 4Page - Linear Technology LTC2938 Datasheet HTML 5Page - Linear Technology LTC2938 Datasheet HTML 6Page - Linear Technology LTC2938 Datasheet HTML 7Page - Linear Technology LTC2938 Datasheet HTML 8Page - Linear Technology LTC2938 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC2938/LTC2939
4
293839ff
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IWDI
WDI Input Current
VWDI = GND
VWDI = 0.7V
VWDI = 1.1V
VWDI = 5V
l
l
l
l
–10
10
–30
30
μA
μA
μA
μA
tWP
WDI Input Pulse Width
VCC = 3.3V or 5.5V
l
2μs
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VCC = 5V unless otherwise specified. (Note 3)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into pins are positive, all voltages are referenced to
GND unless otherwise noted.
Note 3: The greater of V1, V2 is the internal supply voltage (VCC).
Note 4: Under static no-fault conditions, V1 will necessarily supply
quiescent current. If at any time V2 is larger than V1, V2 must be capable
of supplying the quiescent current, programming (transient) current and
reference load current.
Note 5: The outputs RST and WDO have internal pull-ups to V2 of typically
6μA. However, external pull-up resistors may be used when faster rise
times are required or for VOH voltages greater than V2. For V2 configured
to monitor 1.2V, 1.5V, 1.8V and 2.5V supplies, external pull-up resistors
are required to ensure that the output voltage, high, is above the VIH input
threshold of the external circuit.
TYPICAL PERFORMANCE CHARACTERISTICS
Normalized Threshold Voltages
vs Temperature
–ADJ Threshold Voltage
vs Temperature
VREF vs Temperature
TEMPERATURE (°C)
–50
1.005
1.010
1.015
25
75
29389 G01
1.000
0.995
–25
0
50
100
125
0.990
0.985
TEMPERATURE (°C)
–50
6
12
18
25
75
29389 G02
0
–6
–25
0
50
100
125
–12
–18
TEMPERATURE (°C)
–50
1.216
1.222
1.228
25
75
29389 G03
1.210
1.204
–25
0
50
100
125
1.198
1.192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com