Electronic Components Datasheet Search
  English  ▼

X  

LTC3413 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3413
Description  3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3413 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3413 Datasheet HTML 4Page - Linear Technology LTC3413 Datasheet HTML 5Page - Linear Technology LTC3413 Datasheet HTML 6Page - Linear Technology LTC3413 Datasheet HTML 7Page - Linear Technology LTC3413 Datasheet HTML 8Page - Linear Technology LTC3413 Datasheet HTML 9Page - Linear Technology LTC3413 Datasheet HTML 10Page - Linear Technology LTC3413 Datasheet HTML 11Page - Linear Technology LTC3413 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC3413
8
3413fc
APPLICATIONS INFORMATION
Inductor Selection
For a given input and output voltage, the inductor value
and operating frequency determine the ripple current. The
ripple current
ΔIL increases with higher VIN or VOUT and
decreases with higher inductance.
Δ=
⎛
⎝⎜
⎞
⎠⎟
I
fL
V
V
V
L
OUT
OUT
IN
1
1
()( )
–
Having a lower ripple current reduces the core losses in
the inductor, the ESR losses in the output capacitors and
the output voltage ripple. Highest efficiency operation is
achieved at low frequency with small ripple current. This,
however, requires a large inductor.
A reasonable starting point for selecting the ripple current
is
ΔIL = 0.4(IMAX). The largest ripple current occurs at the
highest VIN. To guarantee that the ripple current stays
below a specified maximum, the inductor value should
be chosen according to the following equation:
L
V
fI
V
V
OUT
LMAX
OUT
IN MAX
=
Δ
⎛
⎝
⎜
⎞
⎠
⎟
⎛
⎝
⎜
⎞
⎠
⎟
()
()
–
1
Inductor Core Selection
Once the value for L is known, the type of inductor must
be selected. Actual core loss is independent of core size
for a fixed inductor value, but it is very dependent on the
inductance selected. As the inductance increases, core
losses decrease. Unfortunately, increased inductance
requires more turns of wire and therefore copper losses
will increase.
Ferrite designs have very low core losses and are used
often at high switching frequencies, so design goals can
concentrate on copper loss and preventing saturation.
Ferrite core material saturates “hard,” which means that
inductance collapses abruptly when the peak design current
is exceeded. This results in an abrupt increase in inductor
ripple current and consequent output voltage ripple. Do
not allow the core to saturate!
Different core materials and shapes will change the size/
current and price/current relationship of an inductor. Toroid
or shielded pot cores in ferrite or permalloy materials are
small and don’t radiate much energy, but generally cost
more than powdered iron core inductors with similar
characteristics. The choice of which style inductor to use
mainly depends on the price versus size requirements and
any radiated field/EMI requirements.
Table 1 shows some recommended surface mount induc-
tors for LTC3413 applications.
Table 1. Recommended Surface Mount Inductors
MANUFACTURER
PART NUMBER
VALUE
(μH)
DCR
(mΩ)
Murata
LQH55DNR47M01
0.47
13.0
Vishay/Dale
IHLP252CZPJR47M01
0.47
4.2
Pulse
P1166.681T
0.44
6.0
Cooper
SD20-R47
0.47
20.0
CIN and COUT Selection
The input capacitance, CIN,isneededtofilterthetrapezoidal
wave current at the source of the top MOSFET. To prevent
large voltage transients from occurring, a low ESR input
capacitor sized for the maximum RMS current should be
used. The maximum RMS current is given by:
II
V
V
V
V
RMS
OUT MAX
OUT
IN
IN
OUT
=
()
–1
This formula has a maximum at VIN = 2VOUT, where IRMS =
IOUT/2.Thissimpleworst-caseconditioniscommonlyused
for design because even significant deviations do not offer
much relief. Note that ripple current ratings from capacitor
manufacturers are often based on only 2000 hours of life
which makes it advisable to further derate the capacitor,
or choose a capacitor rated at a higher temperature than
required. Several capacitors may also be paralleled to meet
size or height requirements in the design.
The selection of COUT is determined by the effective series
resistance (ESR) that is required to minimize voltage ripple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com