Electronic Components Datasheet Search
  English  ▼

X  

LTC3454 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3454
Description  1A Synchronous Buck-Boost High Current LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3454 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3454 Datasheet HTML 3Page - Linear Technology LTC3454 Datasheet HTML 4Page - Linear Technology LTC3454 Datasheet HTML 5Page - Linear Technology LTC3454 Datasheet HTML 6Page - Linear Technology LTC3454 Datasheet HTML 7Page - Linear Technology LTC3454 Datasheet HTML 8Page - Linear Technology LTC3454 Datasheet HTML 9Page - Linear Technology LTC3454 Datasheet HTML 10Page - Linear Technology LTC3454 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC3454
7
3454fa
OPERATION
Buck-Boost DC/DC Converter
The LTC3454 employs an LTC proprietary buck-boost
DC/DC converter to generate the output voltage required to
drive a high current LED. This architecture permits high-
efficiency, low noise operation at input voltages above,
below or equal to the output voltage by properly phasing
four internal power switches. The error amp output voltage
on the VC pin determines the duty cycle of the switches.
Since the VC pin is a filtered signal, it provides rejection
of frequencies well below the factory trimmed switching
frequency of 1MHz. The low RDS(ON), low gate charge
synchronous switches provide high frequency pulse width
modulation control at high efficiency. Schottky diodes
across synchronous rectifier switch B and synchronous
rectifier switch D are not required, but if used do provide
a lower voltage drop during the break-before-make time
(typically 20ns), which improves peak efficiency by typi-
cally 1% to 2% at higher loads.
Figure 1 shows a simplified diagram of how the four internal
power switches are connected to the inductor, VIN, VOUT
and GND. Figure 2 shows the regions of operation of the
buck-boost as a function of the control voltage VC. The
output switches are properly phased so transitions between
regions of operation are continuous, filtered and transpar-
ent to the user. When VIN approaches VOUT, the buck-boost
region is reached where the conduction time of the four
switch region is typically 150ns. Referring to Figures 1
and 2, the various regions of operation encountered as VC
increases will now be described.
Buck Mode (VIN > VOUT)
In buck mode, switch D is always on and switch C is
always off. Referring to Figure 2, when the control
voltage VC is above voltage V1, switch A begins to turn on
Figure 2. Switch Control vs Control Voltage, VC
10
SW1
6
SW2
PMOS A
NMOS B
9
VIN
PMOS D
NMOS C
3454 F01
7
VOUT
0%
DUTY
CYCLE
DMAX
BUCK
DMIN
BOOST
75%
DMAX
BOOST
V4 (2.1V)
V3 (1.65V)
BOOST REGION
A ON, B OFF
PWM CD SWITCHES
D ON, C OFF
PWM AB SWITCHES BUCK REGION
BUCK/BOOST REGION
V2 (1.55V)
V1 (0.9V)
CONTROL
VOLTAGE, VC
3454 F02
FOUR SWITCH PWM
Figure 1. Simplified Diagram of Internal Power Switches
each cycle. During the off time of switch A, synchronous
rectifier switch B turns on for the remainder of the cycle.
Switches A and B will alternate conducting similar to a
typical synchronous buck regulator. As the control volt-
age increases, the duty cycle of switch A increases until
the maximum duty cycle of the converter in buck mode
reaches DCBUCK|Max given by:
DCBUCK|Max = 100% – DC4SW
where DC4SW equals the duty cycle in % of the “four
switch” range.
DC4SW = (150ns • f) • 100%
where f is the operating frequency in Hz.
Beyond this point the “four switch” or buck-boost region
is reached.
Buck-Boost or 4-Switch Mode (VIN ≈ VOUT)
Referring to Figure 2, when the control voltage VC is above
voltage V2, switch pair AD continue to operate for duty
cycle DCBUCK|max, and the switch pair AC begins to phase
in. As switch pair AC phases in, switch pair BD phases out
accordingly. When the VC voltage reaches the edge of the
buck-boost range at voltage V3, switch pair AC completely
phases out switch pair BD and the boost region begins at
duty cycle DC4SW. The input voltage VIN where the four
switch region begins is given by:
VIN = VOUT/[1 – (150ns • f)]
and the input voltage VIN where the four switch region
ends is given by
VIN = VOUT • (1 – DC4SW) = VOUT • [1 – (150ns • f)]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com