Electronic Components Datasheet Search
  English  ▼

X  

LTC3454 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3454
Description  1A Synchronous Buck-Boost High Current LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3454 Datasheet(HTML) 1 Page - Linear Technology

  LTC3454 Datasheet HTML 1Page - Linear Technology LTC3454 Datasheet HTML 2Page - Linear Technology LTC3454 Datasheet HTML 3Page - Linear Technology LTC3454 Datasheet HTML 4Page - Linear Technology LTC3454 Datasheet HTML 5Page - Linear Technology LTC3454 Datasheet HTML 6Page - Linear Technology LTC3454 Datasheet HTML 7Page - Linear Technology LTC3454 Datasheet HTML 8Page - Linear Technology LTC3454 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC3454
1
3454fa
LED Power Efficiency vs VIN
TYPICAL APPLICATION
DESCRIPTION
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
FEATURES
APPLICATIONS
The LTC®3454 is a synchronous buck-boost DC/DC
converter optimized for driving a single high power LED
at currents up to 1A from a single cell Li-Ion battery in-
put. The regulator operates in either synchronous buck,
synchronous boost, or buck-boost mode depending on
input voltage and LED forward voltage. PLED/PIN efficiency
greater than 90% can be achieved over the entire usable
range of a Li-Ion battery (2.7V to 4.2V).
LED current is programmable to one of four levels, includ-
ing shutdown, with dual external resistors and dual enable
inputs. In shutdown no supply current is drawn.
A high constant operating frequency of 1MHz allows the
use of small external components. The LTC3454 is offered
in a low profile (0.75mm) thermally enhanced 10-lead
(3mm
× 3mm) DFN package.
n Cell Phone Camera Flash
n Cell Phone Torch Lighting
n Digital Cameras
n PDAs
n Misc Li-Ion LED Drivers
n High Efficiency: >90% Typical in Torch Mode,
>80% in Flash Mode
n Wide VIN Range: 2.7V to 5.5V
n Up to 1A Continuous Output Current
n 3.5% LED Current Programming Accuracy
n Internal Soft-Start
n Open/Shorted LED Protection
n Constant Frequency 1MHz Operation
n Zero Shutdown Current
n Overtemperature Protection
n Small Thermally Enhanced 10-Lead (3mm
× 3mm)
DFN Package
High Efficiency Torch/Flash LED Driver
LED
RISET1
20.5k
1%
3454 TA01a
RISET2
3.65k
1%
EN2 (FLASH)
EN1 (TORCH)
EN2 EN1
ILED
ILED
0
0
0 (SHUTDOWN)
0
1
150mA
1
0
850mA
11
1A
0.1μF
VC
GND (EXPOSED PAD)
LTC3454
LED: LUMILEDS LXL-PWF1
L1: SUMIDA CDRH6D28-5RONC
SW1
A
B
D
C
SW2
10μF
VIN
2.7V TO 4.2V
1-CELL Li-Ion
VIN
VOUT
10μF
L1
5μH
1MHz
BUCK-BOOST
LED
ISET1
ISET2
VIN (V)
2.7
75
80
85
4.3
5.5
5.1
3454 TA01b
70
65
60
3.1
3.9
3.5
4.7
90
95
100
ILED = 150mA
ILED = 1A
TA = 25°C
EFFICIENCY = (VOUT – VLED)ILED/VINIIN
1A Synchronous Buck-Boost
High Current LED Driver


Similar Part No. - LTC3454

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3454 LINER-LTC3454 Datasheet
214Kb / 12P
1A Synchronous Buck-Boost High Current LED Driver
LTC3454EDD LINER-LTC3454EDD Datasheet
214Kb / 12P
1A Synchronous Buck-Boost High Current LED Driver
More results

Similar Description - LTC3454

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3453 LINER-LTC3453 Datasheet
199Kb / 12P
Synchronous Buck-Boost High Power White LED Driver
LTC3454 LINER-LTC3454 Datasheet
214Kb / 12P
1A Synchronous Buck-Boost High Current LED Driver
LTC3520 LINER-LTC3520 Datasheet
371Kb / 24P
Synchronous 1A Buck-Boost and 600mA Buck Converters
LTC3453 LINER-LTC3453_15 Datasheet
205Kb / 12P
Synchronous Buck-Boost High Power White LED Driver
LTC3520 LINER-LTC3520_15 Datasheet
322Kb / 24P
Synchronous 1A Buck-Boost and 600mA Buck Converters
logo
SYNC POWER Crop.
SP2354 SYNC-POWER-SP2354 Datasheet
286Kb / 8P
1A Buck-Boost LED Driver
logo
Lowpower Semiconductor ...
LP3367 POWER-LP3367 Datasheet
730Kb / 10P
1A Buck/Boost Charge Pump LED Driver
logo
Linear Technology
LT8391AIFE LINER-LT8391AIFE Datasheet
533Kb / 10P
60V 2MHz Synchronous Buck-Boost LED Driver
logo
Shenzhen Huazhimei Semi...
HM3344 HMSEMI-HM3344 Datasheet
581Kb / 9P
Precision, high efficiency buck-boost LED constant current driver
HM3251 HMSEMI-HM3251 Datasheet
425Kb / 8P
1A Buck/Boost Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com