Electronic Components Datasheet Search
  English  ▼

X  

LTC3454 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3454
Description  1A Synchronous Buck-Boost High Current LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3454 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3454 Datasheet HTML 4Page - Linear Technology LTC3454 Datasheet HTML 5Page - Linear Technology LTC3454 Datasheet HTML 6Page - Linear Technology LTC3454 Datasheet HTML 7Page - Linear Technology LTC3454 Datasheet HTML 8Page - Linear Technology LTC3454 Datasheet HTML 9Page - Linear Technology LTC3454 Datasheet HTML 10Page - Linear Technology LTC3454 Datasheet HTML 11Page - Linear Technology LTC3454 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LTC3454
9
3454fa
APPLICATIONS INFORMATION
COMPONENT SELECTION
Inductor Selection
The high frequency operation of the LTC3454 allows the
use of small surface mount inductors. The inductor cur-
rent ripple is typically set to 20% to 40% of the maximum
average inductor current. For a given ripple the inductance
term in boost mode is:
L
VV
V
fI
IN MIN
OUT
IN MIN
OUT MAX
>
()
()
()
()
•–
•
%
•
2
100
••%
•
Ripple VOUT
2
and in buck mode is:
L
VV
V
fV
Ripp
IN MAX
OUT
OUT
IN MAX
> ()
()
()
–•
•
%
•• %
100
lle IOUT
•
where f = operating frequency, Hz
%Ripple = allowable inductor current ripple, %
VIN(MIN) = minimum input voltage, V
VIN(MAX) = maximum input voltage, V
VOUT = output voltage, V
IOUT(MAX) = maximum output load current
For high efficiency, choose an inductor with a high fre-
quency core material, such as ferrite, to reduce core loses.
The inductor should have low ESR (equivalent series
resistance) to reduce the I2R losses, and must be able
to handle the peak inductor current without saturating.
Molded chokes or chip inductors usually do not have
enough core to support peak inductor currents >1A. To
minimize radiated noise, use a toroid, pot core or shielded
bobbin inductor. For white LED application, a 4.7μH/5μH
inductor value is recommended. See Table 1 for a list of
component suppliers.
Table 1. Inductor Vendor Information
SUPPLIER
WEB SITE
Coilcraft
www.coilcraft.com
Cooper/Coiltronics
www.cooperet.com
Murata
www.murata.com
Sumida
www.japanlink.com/sumida
Toko
www.toko.com
Vishay-Dale
www.vishay.com
Input Capacitor Selection
Since the VIN pin is the supply voltage for the IC it is recom-
mended to place at least a 2.2μF, low ESR bypass capacitor
to ground. See Table 2 for a list of component suppliers.
Table 2. Capacitor Vendor Information
SUPPLIER
WEB SITE
AVX
www.avxcorp.com
Sanyo
www.sanyovideo.com
Taiyo Yuden
www.t-yuden.com
TDK
www.component.tdk.com
Output Capacitor Selection
The bulk value of the capacitor is set to reduce the ripple
due to charge into the capacitor each cycle. The steady-
state ripple due to charge is given by:
%_
•–
•
()
(
)
Ripple Boost
IV
V
OUT MAX
OUT
IN MIN
=
() 100%%
••
%_
–•
()
CV
f
Ripple Buck
VV
OUT
OUT
IN MAX
OUT
2
= ()
1
100
8
2
%
••
• •
()
Vf
L C
IN MAX
OUT
where COUT = output filter capacitor, F
The output capacitance is usually many times larger in
order to handle the transient response of the converter. For
a rule of thumb, the ratio of operating frequency to unity-
gain bandwidth of the converter is the amount the output
capacitance will have to increase from the above calcula-
tions in order to maintain desired transient response.
The other component of ripple is due to ESR (equivalent
series resistance) of the output capacitor. Low ESR ca-
pacitors should be used to minimize output voltage ripple.
For surface mount applications, Taiyo Yuden, TDK, AVX
ceramic capacitors, AVX TPS series tantalum capacitors
or Sanyo POSCAP are recommended. For the white LED
application, a 10μF capacitor value is recommended. See
Table 2 for a list of component suppliers.
Optional Schottky Diodes
Schottky diodes across the synchronous switches B and
D are not required, but provide a lower drop during the
break-before-make time (typically 20ns) of the NMOS to
PMOS transition, improving efficiency. Use a Schottky



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com