Electronic Components Datasheet Search
  English  ▼

X  

LTC3454 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3454
Description  1A Synchronous Buck-Boost High Current LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3454 Datasheet(HTML) 2 Page - Linear Technology

  LTC3454 Datasheet HTML 1Page - Linear Technology LTC3454 Datasheet HTML 2Page - Linear Technology LTC3454 Datasheet HTML 3Page - Linear Technology LTC3454 Datasheet HTML 4Page - Linear Technology LTC3454 Datasheet HTML 5Page - Linear Technology LTC3454 Datasheet HTML 6Page - Linear Technology LTC3454 Datasheet HTML 7Page - Linear Technology LTC3454 Datasheet HTML 8Page - Linear Technology LTC3454 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC3454
2
3454fa
VIN, SW1, SW2, VOUT Voltage......................–0.3V to 6V
VC, EN1, EN2, ISET1, ISET2
Voltage.............................–0.3V to (VIN + 0.3V) or 6V
LED Peak Current...................................................1.25A
Storage Temperature Range...................–65°C to 125°C
Operating Temperature Range (Note 2)....–40°C to 85°C
Junction Temperature (Note 3) ............................. 125°C
(Note 1)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3454EDD#PBF
LTC3454EDD#TRPBF
LBQX
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
TOP VIEW
DD PACKAGE
10-LEAD (3mm
3mm) PLASTIC DFN
10
9
6
7
8
11
4
5
3
2
1
SW1
VIN
VC
VOUT
SW2
EN1
EN2
ISET1
ISET2
LED
TJMAX = 125°C, θJA = 40°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, RISET = 20.5k unless otherwise noted. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Supply Voltage (VIN)
l
2.7
5.5
V
Input DC Supply Current
Normal Operation
Shutdown
UVLO
(Typicals at VIN = 3.6V, RISET1 = RISET2 = 20.5k)
2.7V ≤ VIN ≤ 5.5V (Note 4)
2.7V ≤ VIN ≤ 5.5V, VEN1 = VEN2 = 0V
VIN < UVLO Threshold, VEN1 = VEN2 = VIN
l
825
0
5
1200
1
10
μA
μA
μA
Undervoltage Lockout Threshold
VIN Rising
VIN Falling
l
1.75
2.05
1.90
2.3
V
V
VEN1, VEN2 DC Threshold for Normal Operation (VIH)
l
0.68
1.2
V
VEN1, VEN2 DC Threshold for Shutdown (VIL)
l
0.2
0.66
V
VEN1, VEN2 Input Current
l
–1
1
μA
ISET1 and ISET2 Servo Voltage
3.08k ≤ RISET1||RISET2 ≤ 20.5k
l
780
788
800
800
812
812
mV
mV
LED Output Current to Programming Current Ratio
ILED/(IISET1 + IISET2), ILED = 500mA (Note 5)
l
3725
3775
3850
3850
3975
3925
mA/mA
mA/mA
LED Pin Voltage
ILED = 1A
105
mV
Regulated Maximum VOUT
LED Pin Open, Programmed ILED = 1A
l
4.95
5.15
5.35
V
PMOS Switch RON
Switches A and D (VOUT = 3.6V)
170
mΩ
NMOS Switch RON
Switches B and C
130
mΩ
Forward Current Limit
Switch A
2.5
3.4
A
Reverse Current Limit
Switch D (VOUT = 3.6V)
275
mA
PMOS Switch Leakage
Switches A, D
–1
1
μA
NMOS Switch Leakage
Switches B, C
–1
1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com