Electronic Components Datasheet Search
  English  ▼

X  

LTC3523 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3523
Description  Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3523 Datasheet(HTML) 1 Page - Linear Technology

  LTC3523 Datasheet HTML 1Page - Linear Technology LTC3523 Datasheet HTML 2Page - Linear Technology LTC3523 Datasheet HTML 3Page - Linear Technology LTC3523 Datasheet HTML 4Page - Linear Technology LTC3523 Datasheet HTML 5Page - Linear Technology LTC3523 Datasheet HTML 6Page - Linear Technology LTC3523 Datasheet HTML 7Page - Linear Technology LTC3523 Datasheet HTML 8Page - Linear Technology LTC3523 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC3523/LTC3523-2
1
3523fb
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Synchronous 600mA Step-Up
and 400mA Step-Down
DC/DC Converters
The LTC
®3523/LTC3523-2 combine a 600mA step-up
DC/DC converter with a 400mA synchronous step-down
DC/DC converter in a tiny 3mm
× 3mm package. The
1.2MHz/2.4MHz switching frequencies minimize the
solution footprint while maintaining high efficiency. Both
converters feature soft-start and internal compensation,
simplifying the design.
Both the step-up and step-down converters are current
mode controlled and utilize an internal synchronous rec-
tifier for high efficiency. The step-up supports 0% duty
cycle operation and the step-down converter supports
100% duty cycle operation to extend battery run time.
If the MODE pin is held high, both converters automati-
cally transition between Burst Mode operation and PWM
operation improving light load efficiency. Fixed, low noise
1.2MHz/2.4MHz PWM operation is selected when MODE
is grounded.
The LTC3523/LTC3523-2 provide a sub-3μA shutdown
mode, overtemperature shutdown and current limit pro-
tection on both converters. The LTC3523/LTC3523-2 are
housed in a 16-lead 3mm
× 3mm × 0.75mm QFN package.
LTC3523 Efficiency and Power
Loss vs Load Current
n Dual High Efficiency DC/DC Converters:
Step-Up (VOUT = 1.8V to 5.25V, ISW = 600mA)
Step-Down (VOUT = 0.615V to 5.5V, IOUT = 400mA)
n 1.8V to 5.5V Input Voltage Range
n Up to 94% Efficiency
n Pin Selectable Burst Mode
® Operation
n 45μA Quiescent Current in Burst Mode Operation
n 1.2MHz (LTC3523) or 2.4MHz (LTC3523-2)
Switching Frequency
n Independent Power Good Indicator Outputs
n Integrated Soft-Start
n Thermal and Overcurrent Protection
n <3μA Quiescent Current in Shutdown
n Small 16-Lead 3mm
× 3mm × 0.75mm QFN Package
n Digital Cameras
n Medical Instruments
n Industrial Handhelds
n GPS Navigators
+
VIN1
SW1
SW2
FB2
MODE
PGOOD2
SHDN2
FB1
PGOOD1
SHDN1
VOUT
10pF
VIN
10μF
VOUT2
STEP-DOWN
OUTPUT
1.2V
200mA
511k
511k
3523 TA01a
634k
365k
4.7μH
4.7μH
VIN2
LTC3523
VBAT
GND1 GND2 GND3
47μF
2-CELL
ALKALINE
VIN
1.8V TO 3.2V
VOUT1
STEP-UP
OUTPUT
3.3V
200mA
10μF
OFF ON
OFF ON
LOAD CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3523 TA01b
0
1000
10
100
1
0.1
1
STEP-UP
STEP-DOWN
VIN = 2.4V
VOUT1 = 3.3V
VOUT2 = 1.2V
fOSC = 1.2MHz
EFFICIENCY
P0WER LOSS
L, LT, LTC, LTM and Burst Mode are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC3523

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3523 LINER-LTC3523 Datasheet
252Kb / 16P
Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
LTC3523-2 LINER-LTC3523-2 Datasheet
263Kb / 16P
Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
LTC3523-2 LINER-LTC3523-2_15 Datasheet
263Kb / 16P
Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
LTC3523EUD-2-PBF LINER-LTC3523EUD-2-PBF Datasheet
252Kb / 16P
Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
LTC3523EUD-2-TRPBF LINER-LTC3523EUD-2-TRPBF Datasheet
252Kb / 16P
Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
More results

Similar Description - LTC3523

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9235 TOREX-XC9235 Datasheet
760Kb / 28P
600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XCM517 TOREX-XCM517 Datasheet
769Kb / 28P
600mA Synchronous Dual Output Step-Down DC/DC Converters
logo
Linear Technology
LTC3523 LINER-LTC3523 Datasheet
252Kb / 16P
Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
LTC3527 LINER-LTC3527 Datasheet
2Mb / 20P
Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
logo
Torex Semiconductor
XC9244 TOREX-XC9244 Datasheet
585Kb / 24P
400mA Synchronous Step-Down DC/DC Converters
logo
Linear Technology
LTC3523-2 LINER-LTC3523-2_15 Datasheet
263Kb / 16P
Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
LTC3527 LINER-LTC3527_15 Datasheet
369Kb / 22P
Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
LTC3527-1 LINER-LTC3527-1_15 Datasheet
369Kb / 22P
Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
logo
Torex Semiconductor
XC9268 TOREX-XC9268 Datasheet
1Mb / 30P
36V Operation 600mA Synchronous Step-Down DC/DC Converters
XD9267 TOREX-XD9267 Datasheet
873Kb / 26P
36V Operation 600mA Synchronous Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com