Electronic Components Datasheet Search
  English  ▼

X  

LTC3523 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3523
Description  Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3523 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3523 Datasheet HTML 8Page - Linear Technology LTC3523 Datasheet HTML 9Page - Linear Technology LTC3523 Datasheet HTML 10Page - Linear Technology LTC3523 Datasheet HTML 11Page - Linear Technology LTC3523 Datasheet HTML 12Page - Linear Technology LTC3523 Datasheet HTML 13Page - Linear Technology LTC3523 Datasheet HTML 14Page - Linear Technology LTC3523 Datasheet HTML 15Page - Linear Technology LTC3523 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC3523/LTC3523-2
14
3523fb
TYPICAL APPLICATIONS
VIN1
SW1
SW2
FB2
MODE
PGOOD2
SHDN2
FB1
PGOOD1
SHDN1
VOUT
10pF
10μF
VOUT2
STEP-DOWN
OUTPUT
2.5V
200mA
768k
243k
VIN
3523 TA03
768k
243k
4.7μH
10μH
VIN2
LTC3523
VBAT
GND1 GND2 GND3
4.7μF
Li-Ion
VIN
2.5V TO 4.2V
VOUT1
STEP-UP
OUTPUT
5V
150mA
10μF
OFF ON
OFF ON
+
Li-Ion to 5V/150mA, 2.5V/200mA
LOAD CURRENT (mA)
0
0
10
30
40
50
100
70
1
10
3523 TA03b
20
80
90
60
0
1
10
1000
100
100
1000
STEP-UP
STEP-DOWN
VIN = 3.6V
VOUT1 = 5V
VOUT2 = 2.5V
fOSC = 1.2MHz
EFFICIENCY
P0WER
LOSS
Efficiency and Power Loss
vs Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com