Electronic Components Datasheet Search
  English  ▼

X  

LTC3523 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3523
Description  Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3523 Datasheet(HTML) 3 Page - Linear Technology

  LTC3523 Datasheet HTML 1Page - Linear Technology LTC3523 Datasheet HTML 2Page - Linear Technology LTC3523 Datasheet HTML 3Page - Linear Technology LTC3523 Datasheet HTML 4Page - Linear Technology LTC3523 Datasheet HTML 5Page - Linear Technology LTC3523 Datasheet HTML 6Page - Linear Technology LTC3523 Datasheet HTML 7Page - Linear Technology LTC3523 Datasheet HTML 8Page - Linear Technology LTC3523 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3523/LTC3523-2
3
3523fb
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3523/LTC3523-2 are guaranteed to meet performance
specifications from 0°C to 85°C. Specifications over the –40°C to 85°C
operating temperature range are assured by design, characterization and
correlation with statistical process control.
Note 3: The LTC3523/LTC3523-2 include an overtemperature
shutdown that is intended to protect the device during momentary
overload conditions. Junction temperature will exceed 125°C when the
overtemperature shutdown is active. Continuous operation above the
specified maximum operating junction temperature may impair device
reliability.
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN1 = VIN2 = VBAT = 2.4V, VOUT = 3.3V, unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
MODE Leakage Current
VMODE = 5.5V
0.01
1
μA
Soft-Start Time
500
μs
Step-Up Converter
Input Voltage Range
l
1.8
5.25
V
Output Voltage Adjust Range
(Note 6)
l
1.8
5.25
V
Feedback Voltage FB1
l
1.16
1.20
1.23
V
Feedback Input Current FB1
VFB1 = 1.25V
0
50
nA
N-Channel Switch Leakage
VSW = 5.5V
0.20
2
μA
P-Channel Switch Leakage
VSW = 5.5V, VOUT = 0V
0.20
2
μA
N-Channel Switch On Resistance
VOUT = 3.3V
VOUT = 5V
0.36
0.22
Ω
Ω
P-Channel Switch On Resistance
VOUT = 3.3V, ISW = 100mA
VOUT = 5V, ISW = 100mA
0.33
0.31
Ω
Ω
Peak Inductor Current
(Note 7)
l
600
1000
mA
Current Limit Delay to Output
(Note 6)
40
ns
Maximum Duty Cycle
VFB = 1V
l
80
87
%
Minimum Duty Cycle
VFB = 1.5V
l
0%
Step-Down Converter
Input Voltage Range
l
1.8
5.5
V
Output Voltage Range
(Note 6)
l
0.615
5.5
V
Feedback Voltage FB2
l
585
600
615
mV
Feedback Input Current FB2
VFB2 = 0.625V
0
50
nA
Reference Voltage Line Regulation
IOUT = 100mA (Notes 5, 6)
0.04
%/V
Output Voltage Line Regulation
IOUT = 100mA, 1.6V < VIN < 5.5V (Note 6)
0.04
%/V
Output Voltage Load Regulation
IOUT = 0mA to 600mA (Note 6)
1.0
%
Maximum Duty Cycle
100
%
Peak Inductor Current
(Note 7)
l
400
650
mA
N-Channel Switch On Resistance
VIN2 = 2.4V
0.33
Ω
P-Channel Switch On Resistance
VIN2 = 2.4V
0.58
Ω
SW Leakage
VSHDN2 = 0V, VSW2 = 0V or 5V, VIN2 = 5.5V
0.20
2
μA
Note 4: Current is measured into the VOUT pin since the supply is
bootstrapped to the output for the step-up. The current will reflect to the
input supply by: (VOUT/VIN) • Efficiency. The outputs are not switching in
sleep.
Note 5: The LTC3523/LTC3523-2 are tested in a propriety test mode that
connects FB2 to the output of the error amplifier.
Note 6: Specification is guaranteed by design and not 100% tested in
production.
Note 7: Current measurements are performed when the LTC3523/
LTC3523-2 are not switching. The current limit values in operation will be
somewhat higher due to the propagation delay of the comparator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com